Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA6T2AB3CNB Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # R7FA6T2AB3CNB
Description  Renesas Microcontrollers
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CNB Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CNB Datasheet HTML 21Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 22Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 23Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 24Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 25Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 26Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 27Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 28Page - Renesas Technology Corp R7FA6T2AB3CNB Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
Note 9. When the MCU is in Software Standby mode or the MSTPCRD.MSTPD16 (12-Bit A/D Converter Module Stop bit) is in the module-
stop state.
Note 10. FCLK, PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (15.6 kHz).
Table 2.8
Coremark and normal mode current
Parameter
Symbol
Typ
Unit
Test conditions
Supply Current*1
Coremark
ICC
139
µA/MHz
ICLK = 240 MHz
PCLKA =
PCLKB =
PCLKC =
PCLKD =
FCLK =
3.75 MHz
Normal mode
All peripheral
clocks disabled,
cache on, while
(1) code
executing from
flash*2
139
All peripheral
clocks disabled,
cache off, while
(1) code
executing from
flash*2
115
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note 2. Supply of the clock signal to peripherals is stopped in this state. This does not include the BGO operation.
2.2.6
VCC Rise and Fall Gradient and Ripple Frequency
Table 2.9
VCC rise and fall gradient characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
VCC rising gradient
Voltage monitor 0 reset disabled at startup
SrVCC
0.0084 —
20
ms/V
—
Voltage monitor 0 reset enabled at startup
0.0084 —
—
—
SCI boot mode*1
0.0084 —
20
—
VCC falling gradient
SfVCC
0.0084 —
—
ms/V
—
Note 1. At boot mode, the reset from voltage monitor 0 is disabled regardless of the value of the OFS1.LVDAS bit.
Table 2.10
VCC rising and falling gradient and ripple frequency characteristics
The ripple voltage must meet the allowable ripple frequency fr(VCC) within the range between the VCC upper limit (3.6 V) and lower limit (2.7
V). When the VCC change exceeds VCC ±10%, the allowable voltage change rising and falling gradient dt/dVCC must be met.
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Allowable ripple
frequency
fr (VCC)
—
—
10
kHz
Figure 2.2
Vr (VCC) ≤ VCC × 0.2
—
—
1
MHz
Figure 2.2
Vr (VCC) ≤ VCC × 0.08
—
—
10
MHz
Figure 2.2
Vr (VCC) ≤ VCC × 0.06
Allowable voltage
change rising and
falling gradient
dt/dVCC
1.0
—
—
ms/V
When VCC change
exceeds VCC ±10%
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0120 Rev.1.20
Mar 31, 2022
Page 25 of 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com