Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/SS Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC16F88-I/SS
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/SS Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC16F88-I/SS Datasheet HTML 122Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 123Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 124Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 125Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 126Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 127Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 128Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 129Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 214 page
background image
PIC16F87/88
DS30487B-page 124
Preliminary
 2003 Microchip Technology Inc.
FIGURE 13-3:
COMPARATOR OUTPUT BLOCK DIAGRAM
13.6
Comparator Interrupts
The comparator interrupt flag is set whenever there is
a change in the output value of either comparator.
Software will need to maintain information about the
status of the output bits, as read from CMCON<7:6>, to
determine the actual change that occurred. The CMIF
bit (PIR registers) is the comparator interrupt flag. The
CMIF bit must be reset by clearing it (‘0’). Since it is
also possible to write a ‘1’ to this register, a simulated
interrupt may be initiated.
The CMIE bit (PIE registers) and the PEIE bit (INTCON
register) must be set to enable the interrupt. In addition,
the GIE bit must also be set. If any of these bits are
clear, the interrupt is not enabled, though the CMIF bit
will still be set if an interrupt condition occurs.
The user, in the Interrupt Service Routine, can clear the
interrupt in the following manner:
a)
Any read or write of CMCON will end the
mismatch condition.
b)
Clear flag bit CMIF.
A mismatch condition will continue to set flag bit CMIF.
Reading CMCON will end the mismatch condition, and
allow flag bit CMIF to be cleared.
D
Q
EN
RD_CMCON
Set CMIF bit
MULTIPLEX
D
Q
EN
CL
Port Pins
Q3 * RD_CMCON
NRESET
From other Comparator
To Data Bus
Q1
CnINV
Note:
If a change in the CMCON register
(C1OUT or C2OUT) should occur when a
read operation is being executed (start of
the Q2 cycle), then the CMIF (PIR
registers) interrupt flag may not get set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com