Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/SS Datasheet(PDF) 130 Page - Microchip Technology

Part # PIC16F88-I/SS
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/SS Datasheet(HTML) 130 Page - Microchip Technology

Back Button PIC16F88-I/SS Datasheet HTML 126Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 127Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 128Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 129Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 130Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 131Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 132Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 133Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 214 page
background image
PIC16F87/88
DS30487B-page 128
Preliminary
 2003 Microchip Technology Inc.
FIGURE 14-1:
COMPARATOR VOLTAGE REFERENCE BLOCK DIAGRAM
TABLE 14-1:
REGISTERS ASSOCIATED WITH COMPARATOR VOLTAGE REFERENCE
CVRR
8R
CVR3
CVR0
16-1 Analog MUX
8R
R
R
R
R
CVREN
CVREF
16 Stages
Input to
Comparator
CVROE
RA2/AN2/CVREF/VREF- pin
VDD
CVR2
CVR1
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
all other
RESETS
9Dh
CVRCON
CVREN
CVROE
CVRR
—
CVR3
CVR2
CVR1
CVR0
000- 0000
000- 0000
9Ch
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0111
0000 0111
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’.
Shaded cells are not used with the comparator voltage reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com