Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/SS Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC16F88-I/SS
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/SS Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC16F88-I/SS Datasheet HTML 130Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 131Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 132Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 133Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 134Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 135Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 136Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 137Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 214 page
background image
PIC16F87/88
DS30487B-page 132
Preliminary
 2003 Microchip Technology Inc.
15.2
RESET
The PIC16F87/88 differentiates between various kinds
of RESET:
• Power-on Reset (POR)
•MCLR Reset during normal operation
•MCLR Reset during SLEEP
• WDT Reset during normal operation
• WDT Wake-up during SLEEP
• Brown-out Reset (BOR)
Some registers are not affected in any RESET condi-
tion. Their status is unknown on POR and unchanged
in any other RESET. Most other registers are reset to a
“RESET state” on Power-on Reset (POR), on the
MCLR and WDT Reset, on MCLR Reset during
SLEEP, and Brown-out Reset (BOR). They are not
affected by a WDT wake-up, which is viewed as the
resumption of normal operation. The TO and PD bits
are set or cleared differently in different RESET situa-
tions, as indicated in Table 15-3. These bits are used in
software to determine the nature of the RESET. Upon
a POR, BOR, or wake-up from SLEEP, the CPU
requires approximately 5-10
µs to become ready for
code execution. This delay runs in parallel with any
other timers. See Table 15-4 for a full description of
RESET states of all registers.
A simplified block diagram of the on-chip RESET circuit
is shown in Figure 15-1.
FIGURE 15-1:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
S
R
Q
External
RESET
MCLR
VDD
OSC1
WDT
Module
VDD Rise
Detect
OST/PWRT
INTRC
WDT
Time-out
Power-on Reset
OST
10-bit Ripple Counter
PWRT
Chip_Reset
11-bit Ripple Counter
Reset
Enable OST
Enable PWRT
SLEEP
Brown-out
Reset
BOREN
31.25 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com