Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/SS Datasheet(PDF) 138 Page - Microchip Technology

Part # PIC16F88-I/SS
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/SS Datasheet(HTML) 138 Page - Microchip Technology

Back Button PIC16F88-I/SS Datasheet HTML 134Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 135Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 136Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 137Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 138Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 139Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 140Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 141Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 214 page
background image
PIC16F87/88
DS30487B-page 136
Preliminary
 2003 Microchip Technology Inc.
TXREG
0000 0000
0000 0000
uuuu uuuu
RCREG
0000 0000
0000 0000
uuuu uuuu
ADRESH
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
0000 00-0
0000 00-0
uuuu uu-u
OPTION
1111 1111
1111 1111
uuuu uuuu
TRISA
1111 1111
1111 1111
uuuu uuuu
TRISB
1111 1111
1111 1111
uuuu uuuu
PIE1
-000 0000
-000 0000
-uuu uuuu
PIE2
00-0 ----
00-0 ----
uu-u ----
PCON
---- --qq
---- --uu
---- --uu
OSCCON
-000 0000
-000 0000
-uuu uuuu
OSCTUNE
--00 0000
--00 0000
--uu uuuu
PR2
1111 1111
1111 1111
1111 1111
SSPADD
0000 0000
0000 0000
uuuu uuuu
SSPSTAT
0000 0000
0000 0000
uuuu uuuu
TXSTA
0000 -010
0000 -010
uuuu -u1u
SPBRG
0000 0000
0000 0000
uuuu uuuu
ANSEL
-111 1111
-111 1111
-111 1111
CMCON
0000 0111
0000 0111
uuuu u111
CVRCON
000- 0000
000- 0000
uuu- uuuu
WDTCON
---0 1000
---0 1000
---u uuuu
ADRESL
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON1
0000 ----
0000 ----
uuuu ----
EEDATA
xxxx xxxx
uuuu uuuu
uuuu uuuu
EEADR
xxxx xxxx
uuuu uuuu
uuuu uuuu
EEDATH
--xx xxxx
--uu uuuu
--uu uuuu
EEADRH
---- -xxx
---- -uuu
---- -uuu
EECON1
x--x x000
u--x u000
u--u uuuu
EECON2
---- ----
---- ----
---- ----
TABLE 15-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Power-on Reset,
Brown-out Reset
MCLR Reset,
WDT Reset
Wake-up via WDT or
Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition,
r
= reserved, maintain clear
Note 1:
One or more bits in INTCON, PIR1 and PR2 will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector
(0004h).
3:
See Table 15-3 for RESET value for specific condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com