Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/SS Datasheet(PDF) 149 Page - Microchip Technology

Part # PIC16F88-I/SS
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/SS Datasheet(HTML) 149 Page - Microchip Technology

Back Button PIC16F88-I/SS Datasheet HTML 145Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 146Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 147Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 148Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 149Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 150Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 151Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 152Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 214 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS30487B-page 147
PIC16F87/88
15.14 In-Circuit Debugger
When the DEBUG bit in the configuration word is pro-
grammed to a ‘0’, the In-Circuit Debugger functionality
is enabled. This function allows simple debugging func-
tions when used with MPLAB® ICD. When the micro-
controller has this feature enabled, some of the
resources are not available for general use. Table 15-7
shows which features are consumed by the background
debugger.
TABLE 15-7:
DEBUGGER RESOURCES
To use the In-Circuit Debugger function of the micro-
controller, the design must implement In-Circuit Serial
Programming connections to MCLR/VPP, VDD, GND,
RB7 and RB6. This will interface to the In-Circuit
Debugger module available from Microchip, or one of
the third party development tool companies.
15.15 Program Verification/Code
Protection
If the code protection bit(s) have not been pro-
grammed, the on-chip program memory can be read
out for verification purposes.
15.16 ID Locations
Four memory locations (2000h - 2003h) are designated
as ID locations, where the user can store checksum or
other code identification numbers. These locations are
not accessible during normal execution, but are read-
able and writable during program/verify. It is recom-
mended that only the four Least Significant bits of the
ID location are used.
15.17 In-Circuit Serial Programming
PIC16F87/88 microcontrollers can be serially pro-
grammed while in the end application circuit. This is
simply done with two lines for clock and data and three
other lines for power, ground, and the programming
voltage (see Figure 15-13 for an example). This allows
customers to manufacture boards with unprogrammed
devices and then program the microcontroller just
before shipping the product. This also allows the most
recent
firmware
or
a
custom
firmware
to
be
programmed.
For more information on serial programming, please
refer to the PIC16F87/88 Programming Specification
(DS39607).
FIGURE 15-13:
TYPICAL IN-CIRCUIT
SERIAL PROGRAMMING
CONNECTION
I/O pins
RB6, RB7
Stack
1 level
Program Memory
Address 0000h must be NOP
Last 100h words
Data Memory
0x070 (0x0F0, 0x170, 0x1F0)
0x1EB-0x1EF
External
Connector
Signals
To Normal
Connections
To Normal
Connections
PIC16F87/88
VDD
VSS
MCLR/VPP
RB6
RB7
+5V
0V
VPP
CLK
Data I/O
VDD
*
*
*
*
* Isolation devices (as required).
† RB3 only used in LVP mode.
RB3†
RB3/PGM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com