Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F88-I/SS Datasheet(PDF) 150 Page - Microchip Technology

Part # PIC16F88-I/SS
Description  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F88-I/SS Datasheet(HTML) 150 Page - Microchip Technology

Back Button PIC16F88-I/SS Datasheet HTML 146Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 147Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 148Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 149Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 150Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 151Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 152Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 153Page - Microchip Technology PIC16F88-I/SS Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 214 page
background image
PIC16F87/88
DS30487B-page 148
Preliminary
 2003 Microchip Technology Inc.
15.18 Low-Voltage ICSP Programming
The LVP bit of the configuration word enables low-
voltage ICSP programming. This mode allows the
microcontroller to be programmed via ICSP using a
VDD source in the operating voltage range. This only
means that VPP does not have to be brought to VIHH,
but can instead be left at the normal operating voltage.
In this mode, the RB3/PGM pin is dedicated to the pro-
gramming function and ceases to be a general purpose
I/O pin.
If Low-Voltage Programming mode is not used, the LVP
bit can be programmed to a ‘0’ and RB3/PGM becomes
a digital I/O pin. However, the LVP bit may only be pro-
grammed when programming mode is entered with
VIHH on MCLR. The LVP bit can only be changed when
using high voltage on MCLR.
It should be noted that once the LVP bit is programmed
to ‘0’, only the High-Voltage Programming mode is
available and only this mode can be used to program
the device.
When using Low-Voltage ICSP, the part must be sup-
plied at 4.5V to 5.5V if a bulk erase will be executed. This
includes reprogramming of the code protect bits from an
on-state to an off-state. For all other cases of Low-
Voltage ICSP, the part may be programmed at the nor-
mal operating voltage. This means calibration values,
unique user IDs, or user code can be reprogrammed or
added.
The following LVP steps assume the LVP bit is set in the
Configuration register.
1.
Apply VDD to the VDD pin.
2.
Drive MCLR low.
3.
Apply VDD to the RB3/PGM pin.
4.
Apply VDD to the MCLR pin.
5.
Follow with the associated programming steps.
Note 1: The High-Voltage Programming mode is
always available, regardless of the state
of the LVP bit, by applying VIHH to the
MCLR pin.
2: While
in
Low-Voltage
ICSP
mode
(LVP = 1), the RB3 pin can no longer be
used as a general purpose I/O pin.
3: When using Low-Voltage ICSP Program-
ming (LVP) and the pull-ups on PORTB
are enabled, bit 3 in the TRISB register
must be cleared to disable the pull-up on
RB3 and ensure the proper operation of
the device.
4: RB3 should not be allowed to float if LVP
is enabled. An external pull-down device
should be used to default the device to
normal operating mode. If RB3 floats
high, the PIC16F87/88 device will enter
Programming mode.
5: LVP mode is enabled by default on all
devices shipped from Microchip. It can be
disabled by clearing the LVP bit in the
CONFIG register.
6: Disabling LVP will provide maximum
compatibility
to
other
PIC16CXXX
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com