Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMC2084-HT Datasheet(PDF) 13 Page - SMSC Corporation

Part # TMC2084-HT
Description  Standalone Mode CircLink Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2084-HT Datasheet(HTML) 13 Page - SMSC Corporation

Back Button TMC2084-HT Datasheet HTML 9Page - SMSC Corporation TMC2084-HT Datasheet HTML 10Page - SMSC Corporation TMC2084-HT Datasheet HTML 11Page - SMSC Corporation TMC2084-HT Datasheet HTML 12Page - SMSC Corporation TMC2084-HT Datasheet HTML 13Page - SMSC Corporation TMC2084-HT Datasheet HTML 14Page - SMSC Corporation TMC2084-HT Datasheet HTML 15Page - SMSC Corporation TMC2084-HT Datasheet HTML 16Page - SMSC Corporation TMC2084-HT Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
Standalone Mode CircLink
TM Controller
Datasheet
SMSC TMC2084
Page 13
Revision 0.1 (03-31-06)
DATASHEET
Chapter 2
Functional Description
2.1
Network Configuration
2.1.1
General
Host Node and I/O Node
A CircLink network can consist of a single host node/multi I/O node, or multiple host nodes/single I/O, or
multiple host nodes and multiple I/O nodes. The host node is directly connected to the system (external)
CPU, which controls all communications to or from it. The device that can be used for the host node should
be a TMC2072/74 that is configured to operate in Peripheral mode; the TMC2084 is dedicated for the use
as an I/O node only (Standalone mode). The I/O nodes do not require the CPU and they are controlled
indirectly via the network by the CPU through the host node.
The CircLink network allows a combination of host nodes and I/O nodes up to 15 nodes total. Every
CircLink network must have at least one host node.
The host node controls the following I/O node functions:
Input and output activities on a port (sending and receiving data and initializing the port)
Setting various configuration data
Request for configuration data
Activation of transmission activity
Software reset
These functions are controlled through the network.
Section 2.1.2 shows two examples: network configuration example 1 (single host) that includes one host
node and fourteen I/O nodes, and network configuration example 2 (dual host) that includes two host
nodes and four I/O nodes. When multiple hosts are used, I/O nodes should be grouped so that each host
can control its corresponding group as shown in network configuration example 2: Host 1 controls both I/O-
1 and -2; Host 2 controls both I/O-3 and -4.
Node ID
Any node that belongs to a network should have a unique identification number (ID). The ID is configured
using shared pins NID3 - 0. When shared pin PSSL is set to L, the allowable range of the node ID is 1
trough 7; it is 1 through 15 when the PSSL pin is set to H. 0 is not allowed for any node ID.
Consecutive node ID numbers (beginning with 1) are assigned to nodes in a network. Consecutive node ID
numbers should be used, because each unused ID number between 2 working node IDs causes a latency
of 93.6
μs (2.5 Mbps operation) every time a token is sent and thus degrades overall network performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com