Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMC2084-HT Datasheet(PDF) 9 Page - SMSC Corporation

Part # TMC2084-HT
Description  Standalone Mode CircLink Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2084-HT Datasheet(HTML) 9 Page - SMSC Corporation

Back Button TMC2084-HT Datasheet HTML 5Page - SMSC Corporation TMC2084-HT Datasheet HTML 6Page - SMSC Corporation TMC2084-HT Datasheet HTML 7Page - SMSC Corporation TMC2084-HT Datasheet HTML 8Page - SMSC Corporation TMC2084-HT Datasheet HTML 9Page - SMSC Corporation TMC2084-HT Datasheet HTML 10Page - SMSC Corporation TMC2084-HT Datasheet HTML 11Page - SMSC Corporation TMC2084-HT Datasheet HTML 12Page - SMSC Corporation TMC2084-HT Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
Standalone Mode CircLink
TM Controller
Datasheet
SMSC TMC2084
Page 9
Revision 0.1 (03-31-06)
DATASHEET
PIN
NO.
SIGNAL NAME
PIN NAME
BUFFER
TYPE BY
FUNCTION
DETAILED DESCRIPTION
General Purpose I/O Group D
30
Port D bit 0
External Trigger Input 2
(Node ID Configuration Bit
0)
PD0
nPISTR2
(NID0)
IT/O42
IT
(IT)
The bit 0 of Port D.
A bi-directional port. The port direction can
be specified using the shared pin PGS1.
PGS1 = L specifies input; PGS1 = H
specifies output.
External Trigger Input 2
The input port of external trigger signal. If
the shared pins PGS0 and PGS1 are set to
L and H respectively while either "6h" or
"7h" is set using TXTRG3 – 0 bits that are
configured through network, then this port is
configured for the external trigger input port.
The configuration bit 0 of the own node ID.
For detailed information, see the section on
Configuration Using Shared Pins.
31
Port D bit 1
(Node ID Configuration Bit
1)
PD1
(NID1)
IT/O42
(IT)
The bit 1 of Port D.
A bi-directional port. The port direction is
configured using the same way as PD0.
The configuration bit 1 of the own node ID
For detailed information, see the section on
Configuration Using Shared Pins.
32
Port D bit 2
(Node ID Configuration Bit
2)
PD2
(NID2)
IT/O42
(IT)
The bit 2 of Port D.
A bi-directional port. The port direction is
configured using the same way as PD0.
The configuration bit 2 of the own node ID
For detailed information, see the section on
Configuration Using Shared Pins.
33
Port D bit 3
(Node ID Configuration Bit
3)
PD3
(NID3)
IT/O42
(IT)
The bit 3 of Port D.
A bi-directional port. The port direction is
configured using the same way as PD0.
The configuration bit 3 of the own node ID
For detailed information, see the section on
Configuration Using Shared Pins.
34
Port D bit 4
FLAG OUTPUT bit0
(Page Size Selection)
PD4
FO0
(PSSL)
IT/O42
O42
(IT)
The bit 4 of Port D.
A bi-directional port. The port direction can
be specified using the shared pin PGS1.
PGS1 = L specifies input; PGS1 = H
specifies output. PGS2 should be set to L.
The bit0 of FLAG OUTPUT.
A bi-directional port. Setting the shared pin
PGS2 to H configures FLAG OUTPUT
mode. For detailed information of the flag,
see the section on Configuration Through
Network.
Page Size Selection.
For detailed information, see the section on
Configuration Using Shared Pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com