Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMC2084-HT Datasheet(PDF) 21 Page - SMSC Corporation

Part # TMC2084-HT
Description  Standalone Mode CircLink Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2084-HT Datasheet(HTML) 21 Page - SMSC Corporation

Back Button TMC2084-HT Datasheet HTML 17Page - SMSC Corporation TMC2084-HT Datasheet HTML 18Page - SMSC Corporation TMC2084-HT Datasheet HTML 19Page - SMSC Corporation TMC2084-HT Datasheet HTML 20Page - SMSC Corporation TMC2084-HT Datasheet HTML 21Page - SMSC Corporation TMC2084-HT Datasheet HTML 22Page - SMSC Corporation TMC2084-HT Datasheet HTML 23Page - SMSC Corporation TMC2084-HT Datasheet HTML 24Page - SMSC Corporation TMC2084-HT Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
Standalone Mode CircLink
TM Controller
Datasheet
SMSC TMC2084
Page 21
Revision 0.1 (03-31-06)
DATASHEET
2.2.2
Configuration Through the Network
Additional items configured using this feature. The configuration is performed with an INITIAL SETTING
packet received from the host node.
If the default is acceptable for all items that require configuration via the network and the NST carry output
(i.e. nNSTCOUT described later) is not used, then configuration by the INITIAL SETTING packet is
unnecessary. The configuration by INITIAL SETTING packet is valid only before receiving the START
TRANSMIT command (described later). After receiving the START TRANSMIT command, the INITIAL
SETTING packet is ignored.
Format of INITIAL SETTING Packet
From host node (transmit) to I/O node (receive)
Name
Adrs.
*
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Initial
value
SID
00h
Host node ID
--
DID
01h
I/O node ID
or 00h (broadcasted)
--
C.P
02h
C.P = 38h/78h
*
--
--
PACKET ID code
--
DATA0 38h/78h
0
1
0
0
--
DATA1 39h/79h
0
PCOD
PBOD
PAOD
BSTSEN
D
CMIERR
MD
EMGYMD
BRE
7Fh
DATA2 3Ah/7Ah
POSTRM
D
POSTRD
LY
ACHTBY
P
0
MAXID3 - 0
0Fh
DATA3 3Bh/7Bh
FOSL3 - 0
TXTRG3 - 0
00h
DATA4 3Ch/7Ch
NSTCOM
D
ACHTFR
Q
0
0
NSTC3 - 0
80h
DATA5 3Dh/7Dh
NSTPRE2 - 0
0
CMID3 - 0
00h
NST-L 3Eh/7Eh
NST7 - 0
--
NST-H 3Fh/7Fh
NST15 - 8
--
Note
:
*Addresses in 64-byte mode/Addresses in 128-byte mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com