Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMC2084-HT Datasheet(PDF) 27 Page - SMSC Corporation

Part # TMC2084-HT
Description  Standalone Mode CircLink Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2084-HT Datasheet(HTML) 27 Page - SMSC Corporation

Back Button TMC2084-HT Datasheet HTML 23Page - SMSC Corporation TMC2084-HT Datasheet HTML 24Page - SMSC Corporation TMC2084-HT Datasheet HTML 25Page - SMSC Corporation TMC2084-HT Datasheet HTML 26Page - SMSC Corporation TMC2084-HT Datasheet HTML 27Page - SMSC Corporation TMC2084-HT Datasheet HTML 28Page - SMSC Corporation TMC2084-HT Datasheet HTML 29Page - SMSC Corporation TMC2084-HT Datasheet HTML 30Page - SMSC Corporation TMC2084-HT Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
Standalone Mode CircLink
TM Controller
Datasheet
SMSC TMC2084
Page 27
Revision 0.1 (03-31-06)
DATASHEET
Register Description (DATA4: NST carry-related configuration)
Name
Adrs.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DATA4 3Ch/7Ch NSTCOM
D
ACHTFR
Q
0
0
NSTC3 – 0
NSTC3 - 0
These bits select the NST carry (default: NSTC3 - 0 = 0000)
0000: 1
st digit (carry period = NST resolution X 2^1)
0001: 2
nd digit (carry period = NST resolution X 2^2)
0010: 3
rd digit (carry period = NST resolution X 2^3)
0011: 4
th digit (carry period = NST resolution X 2^4)
: :
:
1110: 15
th digit (carry period = NST resolution X 2^15)
1111: 16
th digit (carry period = NST resolution X 2^16)
ACHTFRQ
Configures the sampling frequency for Anti-chatter circuit on input ports.
0: Sampling frequency is 1.22 kHz (default)
1: Sampling frequency is 19.1Hz (52 ms period)
NOTE:
When the transmit trigger (TXTRG3-0) setting is set to “By the external trigger”, bypass is automatic. The
above-mentioned sampling frequency is the value when the input clock is 20 MHz. The sampling frequency
doubles when the input clock is 40 MHz, and half when the input clock is 10 MHz.
NSTCOMD
Configures the output mode of NST carry (NST carry is outputted via nNSTCOUT)
0: Active low pulse output with the pulse Level Width resolution selected by the bits
NSTPRE2 – 0
1: Clock output with the duty ratio 50% (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com