Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMC2084-HT Datasheet(PDF) 39 Page - SMSC Corporation

Part # TMC2084-HT
Description  Standalone Mode CircLink Controller
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2084-HT Datasheet(HTML) 39 Page - SMSC Corporation

Back Button TMC2084-HT Datasheet HTML 35Page - SMSC Corporation TMC2084-HT Datasheet HTML 36Page - SMSC Corporation TMC2084-HT Datasheet HTML 37Page - SMSC Corporation TMC2084-HT Datasheet HTML 38Page - SMSC Corporation TMC2084-HT Datasheet HTML 39Page - SMSC Corporation TMC2084-HT Datasheet HTML 40Page - SMSC Corporation TMC2084-HT Datasheet HTML 41Page - SMSC Corporation TMC2084-HT Datasheet HTML 42Page - SMSC Corporation TMC2084-HT Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
Standalone Mode CircLink
TM Controller
Datasheet
SMSC TMC2084
Page 39
Revision 0.1 (03-31-06)
DATASHEET
PA7 - 0, PB7 - 0, PC7 – 0 and PD7 - 0
Each of these bits transmits the state of a port. The data from the OUTPUT PORTs are transmitted
(feedback) to the bits that are configured as OUTPUT PORTs. However, if bits PD7 – 4 are configured as
FLAG OUTPUT, ”1” is transmitted to the corresponding bit. Additionally, if the transmit trigger is configured
as the external trigger, ”0” is transmitted to either PC0 or PD0 pin that corresponds to the trigger input pin,
nPISTR1 or nPISTR 2 respectively.
PGS2 - 0
Configuration data of I/O port direction For detail information, see the section of
Configuration Using Shared Pins.
RXERR
1: Receiving error was detected.
0: No error was detected.
CMIECC
1: Error correction was performed
0: No error was detected.
during CMI decoding.
NSTUNLOC
1: NST unlock state was detected.
0: No error was detected.
MRCV
1: Own packet was received.
0: No own packet was received.
TKNRETF
1: Token retry was encountered.
0: No token retry was encountered.
RCPUM
1: The C.P value in the received packet was different from 38h/78h.
0: The C.P value in the received packet was equal to 38h/78h.
POR
1: Either hardware or software reset was asserted.
0: No reset was asserted.
MYRECON
1: Dropping from network caused the RECON timer to expire.
0: No timeout was encountered.
OPICDONE
1: The INITIALIZE OUTPUT PORT command was executed.
0: The INITIALIZE OUTPUT PORT command was not executed.
After receiving the START TRANSMIT command, TMC2084 commences the transmission of the above
data: configuration data (3 bits), status data (9 bits) input data (32 bits) and NST(16 bits).
For detail information on each status bit, see the section 2.8 Status Bits.
NST15 - 0 (Time stamp)
TMC2084 sends the INPUT DATA packet with time information (NST value) attached. When the transmit
trigger is configured as the external trigger mode that uses NST latch, the NST value taken at the time the
input data is latched is transmitted. In the external trigger mode that does not use the NST latch, the
preceding NST value is transmitted regardless of the input data latch (For detail information on the transmit
trigger, see the section on Configuration Through the Network).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com