Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNBH26S Datasheet(PDF) 16 Page - STMicroelectronics

Part # LNBH26S
Description  Dual LNBS supply and control I2C with step-up and IC interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26S Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LNBH26S Datasheet HTML 12Page - STMicroelectronics LNBH26S Datasheet HTML 13Page - STMicroelectronics LNBH26S Datasheet HTML 14Page - STMicroelectronics LNBH26S Datasheet HTML 15Page - STMicroelectronics LNBH26S Datasheet HTML 16Page - STMicroelectronics LNBH26S Datasheet HTML 17Page - STMicroelectronics LNBH26S Datasheet HTML 18Page - STMicroelectronics LNBH26S Datasheet HTML 19Page - STMicroelectronics LNBH26S Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
7
I²C interface protocol
7.1
Write mode transmission
The LNBH26S interface protocol is made up of:
•
a start condition (S)
•
a chip address byte with the LSB bit R/W = 0
•
a register address (internal address of the first register to be accessed)
•
a sequence of data (byte to write in the addressed internal register + acknowledge)
•
the following bytes, if any, to be written in successive internal registers
•
a stop condition (P). The transfer lasts until a stop bit is encountered
•
the LNBH26S, as slave, acknowledges every byte transfer
Figure 11. Example of writing procedure starting with first data address 0x2
S
0 0 0 1 0 0 X
0 0 0 0 0 X X X
MSB
LSB
CHIP ADDRESS
MSB
LSB
REGISTER ADDRESS
P
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
DATA 1
Add=0x2
DATA 2
Add=0x3
DATA 3
Add=0x4
DATA 4
Add=0x5
GIPG0202151231LM
ACK = acknowledge
S = start
P = stop
R/W = 1/0, read/write bit
X = 0/1, set the values to select the chip address (see Table 15. Address pin characteristics for pin selection)
Note:
The writing procedure can start from any register address by simply setting the X values in the register address
byte (after the chip address). It can be also stopped by the master by sending a stop condition after any
acknowledge bit.
7.2
Read mode transmission
In read mode the byte sequence must be as follows:
•
a start condition (S)
•
a chip address byte with the LSB bit R/W=0
•
the register address byte of the internal first register to be accessed
•
a stop condition (P)
•
a new master transmission with the chip address byte and the LSB bit R/W=1
•
after the acknowledge the LNBH26S starts sending the addressed register content. As long as the master
keeps the acknowledge LOW, the LNBH26S transmits the next address register byte content
LNBH26S
I²C interface protocol
DS8975 - Rev 5
page 16/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com