Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F085M/024MU Datasheet(PDF) 21 Page - SINOWEALTH Electronic Ltd

Part # SH79F085M/024MU
Description  Enhanced 8051 Microcontroller with 20-Bit ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F085M/024MU Datasheet(HTML) 21 Page - SINOWEALTH Electronic Ltd

Back Button SH79F085M/024MU Datasheet HTML 17Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 18Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 19Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 20Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 21Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 22Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 23Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 24Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 25Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
SH79F085/SH79F165
21
7.4 SSP Function
The SH79F085/SH79F165 provides SSP (Self Sector Programming) function, each sector can be sector erased (except the
last sector, sector 15) or programmed by the user’s code if the selected sector is not be protected. But once sector has been
programmed, it cannot be reprogrammed before sector erase.
The SH79F085/SH79F165 builds in a complex control flow to prevent the code from carelessly modification. If the dedicated
conditions are not met (IB_CON2-5), the SSP will be terminated.
7.4.1 SSP Register
Table 7.4 Offset Register for Programming
F7H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
XPAGE
XPAGE.7
XPAGE.6
XPAGE.5
XPAGE.4
XPAGE.3
XPAGE.2
XPAGE.1
XPAGE.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Flash memory, one sector is 1024 bytes
Bit Number
Bit Mnemonic
Description
5-2
XPAGE[5:2]
Sector of the flash memory to be programmed, 0000 means sector 0, and so on
1-0
XPAGE[1:0]
High Address of Offset of the flash memory sector to be programmed
EEPROM-like memory, one sector is 256 bytes, total 2 sectors
Bit Number
Bit Mnemonic
Description
7-1
XPAGE[7:1]
Reserved
0
XPAGE.0
Sector of the flash memory to be programmed
0: sector0
1: sector1
Table 7.5 Offset of Flash Memory for Programming
FBH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IB_OFFSET
IB_OFF
SET.7
IB_OFF
SET.6
IB_OFF
SET.5
IB_OFF
SET.4
IB_OFF
SET.3
IB_OFF
SET.2
IB_OFF
SET.1
IB_OFF
SET.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
IB_OFFSET[7:0] Low Address of Offset of the flash memory sector to be programmed
Table 7.6 Data Register for Programming
FCH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
IB_DATA
IB_DATA.7 IB_DATA.6 IB_DATA.5 IB_DATA.4 IB_DATA.3 IB_DATA.2 IB_DATA.1 IB_DATA.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
IB_DATA[7:0]
Data to be programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com