Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F085M/024MU Datasheet(PDF) 39 Page - SINOWEALTH Electronic Ltd

Part # SH79F085M/024MU
Description  Enhanced 8051 Microcontroller with 20-Bit ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F085M/024MU Datasheet(HTML) 39 Page - SINOWEALTH Electronic Ltd

Back Button SH79F085M/024MU Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 43Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
SH79F085/SH79F165
39
Register
Table 7.21 Timer/Counter x Control Register (x = 0, 1)
88H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7, 5
TFx
x = 0, 1
Timer x overflow flag
0: Timer x no overflow, can be cleared by software
1: Timer x overflow, set by hardware; set by software will cause a timer interrupt
6, 4
TRx
x = 0, 1
Timer x start, stop control bits
0: Stop timer x
1: Start timer x
3, 1
IEx
x = 0, 1
External interrupt x request flag
2, 0
ITx
x = 0, 1
External interrupt x trigger mode select bits
Table 7.22 Timer/Counter x Mode Register (x = 0, 1)
89H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TMOD
GATE1
C/T1
———
M11
M10
GATE0
C/T0
———
M01
M00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7, 3
GATEx
x = 0, 1
Timer x Gate Control bits
0: Timer x is enabled whenever TRx control bit is set
1: Timer x is enabled only while INTx pin is high and TRx control bit is set
6, 2
C/Tx
———
x = 0, 1
Timer x Timer/Counter mode selected bits
0: Timer Mode, T0 or T1 pin is used as I/O port
1: Counter Mode
5-4
1-0
Mx [1:0]
x = 0, 1
Timer x Timer mode selected bits
00: Mode0, 13-bit up counter/timer, bit7-5 of TLx is ignored
01: Mode1, 16-bit up counter/timer
10: Mode2, 8-bit auto-reload up counter/timer
11: Mode3 (only for Timer0), two 8-bit up timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com