Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F085M/024MU Datasheet(PDF) 40 Page - SINOWEALTH Electronic Ltd

Part # SH79F085M/024MU
Description  Enhanced 8051 Microcontroller with 20-Bit ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F085M/024MU Datasheet(HTML) 40 Page - SINOWEALTH Electronic Ltd

Back Button SH79F085M/024MU Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 44Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 97 page
background image
SH79F085/SH79F165
40
Table 7.23 Timer/Counter x Data Register (x = 0, 1)
8AH-8DH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TL0 (8AH)
TL0.7
TL0.6
TL0.5
TL0.4
TL0.3
TL0.2
TL0.1
TL0.0
TH0 (8CH)
TH0.7
TH0.6
TH0.5
TH0.4
TH0.3
TH0.2
TH0.1
TH0.0
TL1 (8BH)
TL1.7
TL1.6
TL1.5
TL1.4
TL1.3
TL1.2
TL1.1
TL1.0
TH1 (8DH)
TH1.7
TH1.6
TH1.5
TH1.4
TH1.3
TH1.2
TH1.1
TH1.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
7-0
TLx.y, THx.y
x=0-1, y=0-7
Timer x Low & High byte counter
Table 7.24 Timer/Counter x Control Register1 (x = 0, 1)
CEH
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TCON1
-
TCLK_S1
TCLK_S0
-
TCLKP1
TCLKP0
TC1
TC0
R/W
-
R/W
R/W
-
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
0
0
-
0
0
0
0
Bit Number
Bit Mnemonic
Description
6, 5
TCLK_Sx
x = 0, 1
Timer x Clock Source Control bits
0: Select system clock as Timer x Clock Source
1: Select 32.768kHz/8 or 128kHz/8 as Timer x Clock Source
3-2
TCLKPx
x = 0, 1
Timer x Clock Source Prescaler bits
0: Select 1/12 of system clock as Timer x Clock Source
1: Select system clock as Timer x Clock Source
1-0
TCx
x = 0, 1
Compare function Enable bits
0: Disable compare function of Timer x
1: Enable compare function of Timer x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com