Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH79F085M/024MU Datasheet(PDF) 91 Page - SINOWEALTH Electronic Ltd

Part # SH79F085M/024MU
Description  Enhanced 8051 Microcontroller with 20-Bit ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F085M/024MU Datasheet(HTML) 91 Page - SINOWEALTH Electronic Ltd

Back Button SH79F085M/024MU Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 90Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 91Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH79F085M/024MU Datasheet HTML 95Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 97 page
background image
SH79F085/SH79F165
91
11.2 Industry Temperature Controller
- VIN+/VIN-/VREF as ADC pin.
- SH79F165 built-in digital circuit regulator. It can output stable voltage of 1.8V for core and peripherals.
- SH79F165 built-in analog circuit regulator. It can output stable voltage of 2.7V for analog devices.
- SH79F165 built-in measure voltage of VDD channel, An internal 80kΩ resistor will connect VDD to GND to provide sample point.
If SCH[2:0]≠100, this resistor will be disconnected.
GND
104
47u
5.0V
LM7805
Input Voltage
Thermocouple
REF2.5V
PT100
AGND
REF2.5V
REF2.5V
Thermistor
AGND
104
47uF
AGND
104
47uF
PWM output
Frequency Input
GND
SH79F165
RS485
Interface
VDD
GND
DC12V
VDD
GND
DC12V
VDD
GND
DC12V
VDD
GND
DC12V
GND
104
100u
DC12V
LM7812
Input Voltage
OUT3
OUT31
OUT32
OUT4
OUT41
OUT42
OUT2
OUT21
OUT22
OUT1
OUT11
OUT12
104
GND
47uF
REF2.5V
ADR431
Input Voltage
LED/LCD
DRIVER
GND
VDD
C
AIN0+
AIN1+
AIN1-
AIN0-
AIN2+
AIN2-
GND
VDDR
AGND
VREF
VIN-
VIN+
T2
PWMP
P0.5
P0.6
P1.4
P1.7
RXD
TXD
P1.0
P0.1
P0.2
P0.3
P2.0
P0.6
P0.5
P0.4
SCK
SDA
CS
set
up
down
enter
GND
AGND
REF0.8V
REF0.8V
0.6V
AGND
REF2.5V
0
104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com