Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA8089FG Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA8089FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA8089FG Datasheet HTML 2Page - STMicroelectronics STA8089FG Datasheet HTML 3Page - STMicroelectronics STA8089FG Datasheet HTML 4Page - STMicroelectronics STA8089FG Datasheet HTML 5Page - STMicroelectronics STA8089FG Datasheet HTML 6Page - STMicroelectronics STA8089FG Datasheet HTML 7Page - STMicroelectronics STA8089FG Datasheet HTML 8Page - STMicroelectronics STA8089FG Datasheet HTML 9Page - STMicroelectronics STA8089FG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Overview
STA8089FG
6/34
DocID027175 Rev 8
1
Overview
STA8089FG is one of the part number of Teseo III STA8089x series.
The device is a highly integrated single-chip standalone GNSS receiver designed for
positioning system applications. STA8089FG embeds the new STMicroelectronics GNSS
positioning engine capable of receiving signals from multiple satellite navigation systems,
including the US GPS, European Galileo, Russia's GLONASS, Chinese BeiDou and
Japan's QZSS.
STA8089FGBD can be offered also bundled with STMicroelectronics dead reckoning
firmware called TESEO-DRAW.
The STA8089FG ability of tracking simultaneously the signals from multiple satellites
regardless of their constellation, make this chip capable of delivering exceptional accuracy
in urban canyons and in the environments where buildings and other obstructions make
satellite visibility challenging.
The STA8089FG is backward compatible with STA8088FG, enabling fast customer
application migration. The STA8089FG combines a high performance ARM946
microprocessor with I/O capabilities and enhanced peripherals. It supports USB2.0 standard
at full speed (12 Mbps) with on-chip PHY.
The chip embeds backup logic with real time clock. The device is offered with a complete
firmware performing all positioning operations including acquisition, tracking, navigation and
data output with no need of external memories.
The device powered with 1.8V enables the on-chip voltage regulators to internally supply
the RF front-end, core logic and the backup logic. The device can be directly powered with
1.2 V bypassing the embedded voltage regulators which will be put in power down mode.
I/O lines are compatible with 1.8 V and 3.3 V. The STA8089FG, using STMicroelectronics
CMOSRF Technology, is housed in a VFQFPN-56 (7 x 7 x 1.0 mm) package with stacked 16
Mbit Flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com