Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA8089FG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA8089FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FG Datasheet(HTML) 1 Page - STMicroelectronics

  STA8089FG Datasheet HTML 1Page - STMicroelectronics STA8089FG Datasheet HTML 2Page - STMicroelectronics STA8089FG Datasheet HTML 3Page - STMicroelectronics STA8089FG Datasheet HTML 4Page - STMicroelectronics STA8089FG Datasheet HTML 5Page - STMicroelectronics STA8089FG Datasheet HTML 6Page - STMicroelectronics STA8089FG Datasheet HTML 7Page - STMicroelectronics STA8089FG Datasheet HTML 8Page - STMicroelectronics STA8089FG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
This is information on a product in full production.
July 2017
DocID027175 Rev 8
1/34
STA8089FG
Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver
with embedded RF and in-package Flash
Datasheet
- production data
Features
 STMicroelectronics® positioning receiver with
48 tracking channels and 2 fast acquisition
channels supporting GPS, Galileo, GLONASS,
BeiDou and QZSS systems
 ST-DRAW (Dead Reckoning Automotive Way)
supported (STA8089FGBD only)
 Pin to pin compatible with STA8088FG
 Single die standalone receiver embedding RF
Front-End and low noise amplifier
 -162 dBm indoor sensitivity (tracking mode)
 Fast TTFF < 1 s in Hot start and 30 s in Cold
Start
 High performance ARM946 MCU (up to
196 MHz)
 256 Kbyte embedded SRAM
 In-package SQI Flash Memory (16 Mbits)
 Real Time Clock (RTC) circuit
 32-bit Watch-dog timer
 3 UARTs
 1 I2C master interface
 1 Synchronous Serial Port (SSP, Motorola-SPI
supported)
 USB2.0 full speed (12 MHz) with integrated
physical layer transceiver
 2 Controller Area Network (CAN)
 2 channels ADC (10 bits)
 Operating condition:
– Main voltage regulator (VINL): 1.8 V ± 5%
– Backup voltage (VINB): 1.6 V to 4.3 V
– Digital voltage (VDD): 1.0 V to 1.32 V
– RF core voltage (VCC): 1.2 V ± 10%
– IO Ring Voltage (VddIO): 1.8 V ± 5% or
3.3 V ± 10%
 Package:
– VFQFPN56 (7 x 7 x 1.0 mm) 0.4 mm pitch
 Ambient temperature range: -40/+85°C
Description
STA8089FG belongs to Teseo III family products.
The device is a single die standalone positioning
receiver IC working on multiple constellations
(GPS/Galileo/GLONASS/BeiDou/QZSS).
The device is backward compatible with
STA8088FG, this enables fast customer
application migration.
The device is offered with a complete GNSS
firmware which performs all GNSS operations
including tracking, acquisition, navigation and
data output with no need of external memories.
STA8089FGBD can run also TESEO-DRAW the
STMicroelectronics dead reckoning firmware.
VFQFPN56
(7 x 7 x 1.0 mm)
www.st.com


Similar Part No. - STA8089FG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA8089FGA STMICROELECTRONICS-STA8089FGA Datasheet
541Kb / 33P
Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
25-May-2017
More results

Similar Description - STA8089FG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA8088FG STMICROELECTRONICS-STA8088FG Datasheet
274Kb / 17P
Fully Integrated GPS/Galileo/Glonass/QZSS Receiver with embedded RF and in-package Flash
07-Mar-2012
STA8089FGA STMICROELECTRONICS-STA8089FGA Datasheet
541Kb / 33P
Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
25-May-2017
STA8089G STMICROELECTRONICS-STA8089G Datasheet
497Kb / 31P
GPS/Galileo/GLONASS/BeiDou/QZSS receiver
03-Jun-2020
STA8089GA STMICROELECTRONICS-STA8089GA Datasheet
512Kb / 32P
Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver
03-Jun-2020
STA8089GAT STMICROELECTRONICS-STA8089GAT Datasheet
658Kb / 33P
Automotive extended temperature GPS/Galileo/GLONASS/BeiDou/QZSS receiver
04-Jun-2020
STA8089GR STMICROELECTRONICS-STA8089GR Datasheet
456Kb / 30P
GPS/GLONASS/BeiDou/QZSS receiver
22-Nov-2018
STA8090EXGA STMICROELECTRONICS-STA8090EXGA Datasheet
611Kb / 42P
Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with high performance processing capability
04-Jun-2020
STA8090FG STMICROELECTRONICS-STA8090FG Datasheet
633Kb / 41P
Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
05-Jun-2020
STA8090GA STMICROELECTRONICS-STA8090GA Datasheet
749Kb / 32P
Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver
14-Sep-2018
STA8090WG STMICROELECTRONICS-STA8090WG Datasheet
554Kb / 34P
Fully Integrated GPS/Galileo/Glonass/QZSS receiver with embedded RF
05-Jun-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com