Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA8089FG Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA8089FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FG Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA8089FG Datasheet HTML 5Page - STMicroelectronics STA8089FG Datasheet HTML 6Page - STMicroelectronics STA8089FG Datasheet HTML 7Page - STMicroelectronics STA8089FG Datasheet HTML 8Page - STMicroelectronics STA8089FG Datasheet HTML 9Page - STMicroelectronics STA8089FG Datasheet HTML 10Page - STMicroelectronics STA8089FG Datasheet HTML 11Page - STMicroelectronics STA8089FG Datasheet HTML 12Page - STMicroelectronics STA8089FG Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
DocID027175 Rev 8
9/34
STA8089FG
Pin description
33
Figure 3. VFQFPN56 connection diagram (no CAN)
2.3
Power supply pins
Table 1. Power supply pins
Symbol
I/O voltage
I/O
Description
STA8089FG
VCC_CHAIN
1.2 V
PWR Analog supply voltage for RF chain (1.2 V)
16
VCC_PLL
1.2 V
PWR Analog supply voltage for PLL RF (1.2 V)
18
VCC_RF
1.2 V
PWR Analog supply voltage for RF (1.2 V)
8
VDD_SQI
1.8 V
PWR Digital supply voltage for SQI
34
VDDD
1.1 V
PWR Digital supply voltage
22,47
VDDIO_R1 1.8 V or 3.3 V PWR Digital supply voltage for I/O ring 1 (1.8 V or 3.3 V)
44
VDDIO_R2
3.3 V
PWR Digital supply voltage for I/O ring 2 (3.3 V)
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com