Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA8089FG Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA8089FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA8089FG Datasheet HTML 8Page - STMicroelectronics STA8089FG Datasheet HTML 9Page - STMicroelectronics STA8089FG Datasheet HTML 10Page - STMicroelectronics STA8089FG Datasheet HTML 11Page - STMicroelectronics STA8089FG Datasheet HTML 12Page - STMicroelectronics STA8089FG Datasheet HTML 13Page - STMicroelectronics STA8089FG Datasheet HTML 14Page - STMicroelectronics STA8089FG Datasheet HTML 15Page - STMicroelectronics STA8089FG Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Pin description
STA8089FG
12/34
DocID027175 Rev 8
SPI_CSN
VDDIO_R1
O
AF0
(default)
SPI_CSN
SPI chip select active low /
IO_Power Sel Ring 1
40
I/O
AF1
GPIO24
General purpose I/O #24
I/O
AF2
SQI_CEN
SQI Flash chip enable
I/O
AF3
Reserved
—
SPI_DI
VDDIO_R1
I
AF0
(default)
SPI_DI
SPI serial data input / BOOT2
42
I/O
AF1
TSENSE
External temperature capture
port
I/O
AF2
SQI_SIO0/SI
SQI Flash data IO 0 / ser. I
I/O
AF3
Reserved
—
SPI_DO
VDDIO_R1
O
AF0
(default)
SPI_DO
SPI serial data output
43
I/O
AF1
GPIO27
General purpose I/O #27
I/O
AF2
SQI_SIO1/SO SQI Flash data IO 1 / ser. O
I/O
AF3
Reserved
—
UART0_RX VDDIO_R1
I
AF0
(default)
UART0_RX
UART0 Rx data
38
O
AF1
SPI_DO
SPI serial data output
I/O
AF2
SQI_SIO2
SQI Flash data IO 2
IAF3
Timer_ICAPA
Extended Function Timer - Input
Capture_A
UART0_TX
VDDIO_R1
O
AF0
(default)
UART0_TX
UART0 Tx data / BOOT1
39
I
AF1
SPI_DI
SPI serial data input
I/O
AF2
SQI_SIO3
SQI Flash data IO 3
O
AF3
Timer_OCMPA
Extended Function Timer –
Output Compare A
UART2_RX VDDIO_R1
I
AF0
(default)
UART2_RX
UART2 Rx data
36
I/O
AF1
GPIO28
General purpose I/O #28
I/O
AF2
I2C_SD
I2C serial data
I/O
AF3
Reserved
—
UART2_TX
VDDIO_R1
O
AF0
(default)
UART2_TX
UART2 Tx data / BOOT0
37
I/O
AF1
GPIO29
General purpose I/O #29
O
AF2
I2C_CLK
I2C clock
I/O
AF3
Reserved
—
Table 4. Communication interface pins (continued)
Symbol
I/O voltage
I/O
Alternative
function
Function
Description
STA8089FG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com