Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA8089FG Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA8089FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA8089FG Datasheet HTML 6Page - STMicroelectronics STA8089FG Datasheet HTML 7Page - STMicroelectronics STA8089FG Datasheet HTML 8Page - STMicroelectronics STA8089FG Datasheet HTML 9Page - STMicroelectronics STA8089FG Datasheet HTML 10Page - STMicroelectronics STA8089FG Datasheet HTML 11Page - STMicroelectronics STA8089FG Datasheet HTML 12Page - STMicroelectronics STA8089FG Datasheet HTML 13Page - STMicroelectronics STA8089FG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Pin description
STA8089FG
10/34
DocID027175 Rev 8
2.4
Main function pins
2.5
Test/emulated dedicated pins
VINB
1.6 V - 4.3 V
PWR Backup LDO input supply voltage (1.6 V to 4.3 V)
29
VINL1
1.8 V
PWR LDO1 and ADC input supply voltage
31
VINL2
1.6 V - 4.3 V
PWR LDO2 input supply voltage (1.6 V to 4.3 V)
13
VOB
1.0 V
PWR LDO backup output voltage (1.0 V)
21
VOL1
1.1 V
PWR LDO1 output voltage (1.1 V, it can be also configured to 1.2 V)
30
VOL2
1.2 V
PWR LDO2 output voltage (1.2 V)
12
GND
GND
GND Ground
EP
GND_LNA
GND
GND Ground
10
Table 1. Power supply pins (continued)
Symbol
I/O voltage
I/O
Description
STA8089FG
Table 2. Main function pins
Symbol
I/O voltage
I/O
Description
STA8089FG
ADC_IN1
1.4 V – 0 V typ range
I
ADC Analog input [1]
32
ADC_IN2
1.4 V – 0 V typ range
I
ADC Analog input [2]
33
RSTn
1.0 V
I
Reset Input with Schmitt-Trigger characteristics and
noise filter.
25
RTC_XTI
1.0 V (max)
I
Input of the 32 KHz oscillator amplifier circuit and
input of the internal real time clock circuit.
27
RTC_XTO
1.0 V (max)
O
Output of the oscillator amplifier circuit.
28
STDBY_OUT
1.0 V
O
When low, indicates the chip is in Standby mode
23
STDBYn
1.0 V
I
When low, the chip is forced in Standby Mode - All
pins in high impedance except the ones powered by
Backup supply
24
WAKEUP
1.0 V
I
WAKEUP from STANDBY mode
26
Table 3. Test/emulated dedicated pins
Symbol
I/O voltage
I/O
Description
STA8089FG
TCK
VDDIO_R2
I
JTAG Test Clock
56
TDI
VDDIO_R2
I
JTAG Test Data In
53
TDO
VDDIO_R2
O
JTAG Test Data Out
50
TMS
VDDIO_R2
I
JTAG Test Mode Select
2
TRSTn
VDDIO_R2
I
JTAG Test Circuit Reset
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com