Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F39-TGR-CVL-B-5-R Datasheet(PDF) 54 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-5-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-5-R Datasheet(HTML) 54 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-5-R Datasheet HTML 50Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 51Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 52Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 53Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 54Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 55Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 56Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 57Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 58Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 98 page
background image
36
Interconnect cables for cascaded MS4800FS system
Section 11-1
optional
F39-TGR-CVL-B-_ cables
Note Alternative cables:
F39-TGR-CVL-B-_ cables are industry standard shielded cables with a M12
female connector.
11-1 Interconnect cables for cascaded MS4800FS system
The segment-to-segment cable has a 4 contact M12 connector on each end.
The maximum cable length is 10 meters between segments.
The extension cables are available in lengths of 0.3 m, 0.5 m, 1 m, 2 m, 5 m
and 10 m. A MS4800FS system does not require an extension cable; it has a
150 mm integrated cable (pigtail).
MS4800FS systems are designed with internal circuit protection to protect
from damage when they are connected and disconnected (hot-swap) during
normal operation.
Length
Receiver
Transmitter
2 m
F39-TGR-CVL-B-2-R
F39-TGR-CVL-B-2-E
5 m
F39-TGR-CVL-B-5-R
F39-TGR-CVL-B-5-E
10 m
F39-TGR-CVL-B-10-R
F39-TGR-CVL-B-10-E
Receiver cable
Pin No. 1
Test Input
white
Pin No. 2
Input Power + 24 VDC
brown
Pin No. 3
Input Power GND
blue
Pin No. 4
OSSD2
pink
Pin No. 5
OSSD1
gray
Pin No. 6
Muting B
yellow
Pin No. 7
Muting A
green
Pin No. 8
Muting lamp connection LMS
red
Transmitter cable
Pin No. 1
Test Input
white
Pin No. 2
Input Power + 24 VDC
brown
Pin No. 3
Input Power GND
blue
Pin No. 4
Not used
black
Pin No. 5
Not used
green
Transmitter Master
10 m -> Slave 1
10 m -> Slave 2
10 m -> Slave 3
Receiver Master
10 m -> Slave 1
10 m -> Slave 2
10 m -> Slave 3
30 m -> RM6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com