Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F39-TGR-CVL-B-5-R Datasheet(PDF) 55 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-5-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-5-R Datasheet(HTML) 55 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-5-R Datasheet HTML 51Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 52Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 53Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 54Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 55Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 56Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 57Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 58Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 59Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 98 page
background image
37
Connection to two forcibly guided relays
Section 11-2
11-2 Connection to two forcibly guided relays
G7S and G7SA series relays provide forcibly guided relay outputs for machine
control. Please refer to the next drawings for details:
Note Wire colors shown for F39-JMR and F39-JMT cables
Note Wire colors shown for optional F39-TGR-CVL-B - cable
11-3 Connection to a safety relay unit
The following example shows a MS4800 system in combination with a G9SB
safety relay unit from Omron. The G9SB safety relay unit provides forcibly
guided relay contacts for the machine control system.
Power supply
+24VDC
GND
Protective Earth
Fuse
Earth GND
+24V
DC
MTS
Ret.
MTS
Earth GND
+24V
DC EDM Start Aux.
OSSD
1
OSSD
2
K1
K2
*2
K1
K2
*2
*1
MS4800
Transmitter
MS4800
Receiver
*1
*2
K1
K2
M
MTS requires a NC contact.
If MTS is not used, please
connect MTS and MTS Ret.
Directly.
The K1 and K2 coils must be
suppressed. Please refer to
the documentation of the
relays or contactors for
further reference.
Power supply
+24VDC
GND
Protective Earth
Fuse
Earth
GND
+24V
DC
MTS
Ret.
MTS
Earth
GND
+24V
DC
EDM
Start
Aux.
OSSD1 OSSD2
K1
K2
*2
K1
K2
*2
*1
MS4800
Transmitter
MS4800
Receiver
*1
*2
K1
K2
M
.
5
1
2
4
3
PIN
3
2
16
5
PIN
7
8
4
MTS requires a NC contact. If
MTS is not used, please connect
MTS and MTS Ret. Directly.
The K1 and K2 coils must be
suppressed. Please refer to
the documentation of the
relays or contactors for further
reference.
Power supply
+24VDC
GND
Protective Earth
Fuse
Earth GND
+24V
DC
MTS
Ret.
MTS
Earth GND
+24V
DC EDM Start Aux.
OSSD
1
OSSD
2
K1
K2
K1
K2
*1
MS4800
Transmitter
MS4800
Receiver
*1
K1
K2
M
A1
A2
T12 T22
T31 T32
23
13
14
24
G9SB-200-D
MTS requires a NC contact.
If MTS is not used, please
connect MTS and MTS Ret.
Directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com