Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F39-TGR-CVL-B-5-R Datasheet(PDF) 73 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-5-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-5-R Datasheet(HTML) 73 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-5-R Datasheet HTML 69Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 70Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 71Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 72Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 73Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 74Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 75Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 76Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 77Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
55
MS4800FS system data with 30 mm resolution
Section 15-7
480 mm
520 mm
560 mm
600 mm
640 mm
680 mm
A
484,3
523,4
563,7
604,1
643,9
683,6
B1
620,3
659,4
699,7
740,1
779,9
819,6
B2
601,8
640,9
681,2
721,6
761,4
801,1
C1
581,6
620,7
661,0
701,4
741,2
780,9
C2
563,0
602,1
642,4
682,8
722,6
762,3
D
629,5
668,6
708,9
749,3
789,1
828,8
E1
561,2
604,8
641,4
685,5
725,3
761,2
E2
611,0
650,1
690,4
730,8
770,6
810,3
Weight
2,49 kg
2,63 kg
2,81 kg
2,99 kg
3,18 kg
3,36 kg
Number of
Beams
24
26
28
30
32
34
720 mm
760 mm
800 mm
840 mm
880 mm
920 mm
A
724,0
762,0
803,5
843,4
882,8
923,8
B1
860,0
898,0
939,5
979,8
1018,8
1059,8
B2
841,5
879,5
921,0
961,3
1000,3
1041,3
C1
821,3
859,3
900,8
941,1
980,1
1021,1
C2
802,7
840,7
882,2
922,5
961,5
1002,5
D
869,2
907,1
948,7
989,0
1028,0
1069,0
E1
805,4
841,4
884,9
921,4
964,2
1005,2
E2
850,7
888,7
930,2
970,5
1009,6
1050,5
Weight
3,54 kg
3,76 kg
3,90 kg
4,08 kg
4,26 kg
4,45 kg
Number of
Beams
36
38
40
42
44
46
960 mm
1000 mm
1040 mm
1080 mm
1120 mm
1160 mm
A
963,6
1002,6
1042,9
1083,9
1122,3
1162,7
B1
1099,6
1138,6
1178,9
1219,9
1258,3
1298,7
B2
1081,1
1120,1
1160,4
1201,4
1239,8
1280,2
C1
1060,9
1099,9
1140,2
1181,2
1219,6
1260,0
C2
1042,3
1081,3
1121,6
1162,6
1201,0
1241,4
D
1108,8
1147,8
1188,1
1229,1
1267,5
1307,9
E1
1045,0
1084,0
1124,3
1165,3
1203,7
1244,1
E2
1090,3
1129,3
1169,6
1210,6
1249,0
1289,5
Weight
4,63 kg
4,81 kg
4,99 kg
5,17 kg
5,35 kg
5,53 kg
Number of
Beams
48
50
52
54
56
58
1200 mm
1240 mm
1280 mm
1320 mm
1360 mm
1400 mm
A
1203,8
1242,1
1281,8
1323,6
1361,0
1401,7
B1
1339,8
1378,1
1417,8
1459,6
1497,0
1537,7
B2
1321,3
1359,6
1399,3
1441,1
1478,5
1519,2
C1
1301,1
1339,4
1379,1
1420,9
1458,3
1499,0
C2
1282,5
1320,8
1360,5
1402,3
1439,7
1480,4
D
1349,0
1387,3
1427,0
1468,8
1506,2
1546,9
E1
1285,2
1323,5
1363,2
1405,0
1442,4
1483,1
E2
1330,5
1368,8
1408,5
1450,3
1487,7
1528,4
Weight
5,72 kg
5,94 kg
6,08 kg
6,26 kg
6,44 kg
6,62 kg
Number of
Beams
60
62
64
66
68
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com