Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F39-TGR-CVL-B-5-R Datasheet(PDF) 67 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-5-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-5-R Datasheet(HTML) 67 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-5-R Datasheet HTML 63Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 64Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 65Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 66Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 67Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 68Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 69Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 70Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 71Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 98 page
background image
49
MS4800 system data with 14 mm resolution
Section 15-3
15-3 MS4800 system data with 14 mm resolution
280 mm
320 mm
360 mm
400 mm
440 mm
480 mm
A
284,4
324,8
364,5
404,2
443,9
484,3
B
420,4
460,8
500,5
540,2
579,9
620,3
C
381,7
422,1
461,8
501,5
541,2
581,6
D
307,3
347,7
387,4
427,1
466,8
507,2
E
371,3
411,7
451,4
491,1
530,8
571,2
Weight
1,68 kg
1,81 kg
1,95 kg
2,13 kg
2,40 kg
2,49 kg
Number of
Beams
28
32
36
40
44
48
520 mm
560 mm
600 mm
640 mm
680 mm
720 mm
A
523,4
563,7
604,1
643,9
683,6
724,0
B
659,4
699,7
740,1
779,9
819,6
860,0
C
620,7
661,0
701,4
741,2
780,9
821,3
D
546,3
586,6
627,0
666,8
706,5
746,9
E
610,3
650,6
691,0
730,8
770,5
810,9
Weight
2,63 kg
2,81 kg
2,99 kg
3,18 kg
3,36 kg
3,54 kg
Number of
Beams
52
56
60
64
68
72
760 mm
800 mm
840 mm
880 mm
920 mm
960 mm
A
762,0
803,5
843,4
882,8
923,8
963,6
B
898,0
939,5
979,8
1018,8
1059,8
1099,6
C
859,3
900,8
941,1
980,1
1021,1
1060,9
D
784,9
826,4
866,7
905,7
946,7
986,5
E
848,9
890,4
930,7
969,7
1010,7
1050,5
Weight
3,76 kg
3,9 kg
4,08 kg
4,26 kg
4,45 kg
4,63 kg
Number of
Beams
76
80
84
88
92
96
1000 mm
1040 mm
1080 mm
1120 mm
1160 mm
1200 mm
A
1002,6
1042,9
1083,9
1122,3
1162,7
1203,8
B
1138,6
1178,9
1219,9
1258,3
1298,7
1339,8
C
1099,9
1140,2
1181,2
1219,6
1260,0
1301,1
D
1025,5
1065,8
1106,8
1145,2
1185,6
1226,7
E
1089,5
1129,8
1170,8
1209,2
1249,6
1290,7
Weight
4,81 kg
4,99 kg
5,17 kg
5,35 kg
5,53 kg
5,72 kg
Number of
Beams
100
104
108
112
116
120
1240 mm
1280 mm
1320 mm
1360 mm
1400 mm
1440 mm
A
1242,1
1281,8
1323,6
1361,0
1401,7
1443,4
B
1378,1
1417,8
1459,6
1497,0
1537,7
1579,4
C
1339,4
1379,1
1420,9
1458,3
1499,0
1540,7
D
1265,0
1304,7
1346,5
1383,9
1424,6
1466,3
E
1329,0
1368,7
1410,5
1447,9
1488,6
1530,3
Weight
5,94kg
6,08kg
6,26kg
6,44kg
6,62kg
6,80kg
Number of
Beams
124
128
132
136
140
144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com