Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F39-TGR-CVL-B-5-R Datasheet(PDF) 85 Page - Omron Electronics LLC

Part # F39-TGR-CVL-B-5-R
Description  Safety Light Curtain Type 4
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-TGR-CVL-B-5-R Datasheet(HTML) 85 Page - Omron Electronics LLC

Back Button F39-TGR-CVL-B-5-R Datasheet HTML 81Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 82Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 83Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 84Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 85Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 86Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 87Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 88Page - Omron Electronics LLC F39-TGR-CVL-B-5-R Datasheet HTML 89Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 98 page
background image
67
Accessories
Section 15-9
15-9 Accessories
15-9-1 Muting controller MS4800-RM6
Note Required cable to connect MS_800FS-EA-_ to MS4800-RM6 module is
MS4800-CBLMT_M
15-9-2 Safety Relay Units
Family
Type Name
Configuration
G9SB
G9SB-200-D
DPST-NO
G9SB-301-D
3PST-NO
G9SA
G9SA-301
3PST-NO
G9SA-501
5PST-NO
G9SA-321-T075
3PST-NO, Time del. 7,5 s
G9SA-321-T15
3PST-NO, Time del. 15 s
G9SA-321-T30
3PST-NO, Time del. 30 s
G9SX
G9SX-BC202-RT
2 Safe Outputs
G9SX-BC202-RC
2 Safe Outputs
G9SX-AD322-T15-RT
3 Safe Outputs, Time del. 15 s
G9SX-AD322-T15-RC
3 Safe Outputs, Time del. 15 s
G9SX-AD322-T150-RT
3 Safe Outputs, Time del. 150 s
G9SX-AD322-T150-RC
3 Safe Outputs, Time del. 150 s
G9SX-ADA222-T15-RT
2 Safe Outputs, Time del. 15 s
G9SX-ADA222-T15-RC
2 Safe Outputs, Time del. 15 s
G9SX-ADA222-T150-RT
2 Safe Outputs, Time del. 150 s
G9SX-ADA222-T150-RC
2 Safe Outputs, Time del. 150 s
DeviceNetSafety
NE1A-SCPU01
16 In, 8 Out, Safety Master
NE1A-SCPU02
40 In, 8 Out, Safety Master
Safety Controller
NE1A-SCPU01L
16 In, 8 Out
NE1A-SCPU02L
40 In, 8 Out
Z1
Z2
S11 S12
B1
B2
X1
X2
13
14
23
24
A1
A2
31
32
Status
RM-6
S3
S1
S4
S2
0VDC
RET
+VDC
-RS
+RS
Lamp
PE
Shield
22.5
0.89
99
3.90
99
3.90
114
4.49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com