Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7803A-QLX Datasheet(PDF) 45 Page - STMicroelectronics

Part # TDA7803A-QLX
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A-QLX Datasheet(HTML) 45 Page - STMicroelectronics

Back Button TDA7803A-QLX Datasheet HTML 41Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 42Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 43Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 44Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 45Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 46Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 47Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 48Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
DS12195 Rev 7
45/72
TDA7803A
I2C bus interface
71
9.7
Address selection
To select the proper I2C address a resistor must be connected to ADD pin as follows:
9.8
I2C bus timings
This paragraph describes more in detail the I2C bus protocol used and its timings. Figure 45
and Table 15 include the timings that have to be respected in order to correctly write into/
read from the I2C registers.
Figure 45. I2C bus interface timing
Table 14. Address threshold
ADD2
ADD1
Rload
0
0
120K < R
0
1
56K < R < 64K
1
0
30K < R < 38K
1
1
R < 15K
Table 15. I2C bus interface timing
Symbol
Parameter
Min
Max
Unit
Fscl
SCL (clock line) frequency
-
400
kHz
Tscl
SCL period
2500
-
ns
Tsclh
SCL high time
0.6
-
µs
Tscll
SCL low time
1.3
-
µs
Tsstart
Setup time for start condition
0.6
-
µs
Thstart
Hold time for start condition
0.6
-
µs
Tsstop
Setup time for stop condition
0.6
-
µs
Tbuf
Bus free time between a stop and a start condition
1.3
-
µs
Tssda
Setup time for data line
100
-
ns
Thsda
Hold time for data line
0(1)
1. Device must internally provide a hold time of at least 300 ns for the SDA signal to bridge the undefined
region of the falling edge of SCL.
-ns
Tf
Fall time for SCL and SDA
-
300
ns
GAPGPS00814
Tbuf
SCL
SDA
MSB7
MSB0
ACK
Tsstart
start
Thstart
Tssda
Thsda
Tsclp
Tsstop
stop
Tscll
Tsclh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com