Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7803A-QLX Datasheet(PDF) 65 Page - STMicroelectronics

Part # TDA7803A-QLX
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A-QLX Datasheet(HTML) 65 Page - STMicroelectronics

Back Button TDA7803A-QLX Datasheet HTML 61Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 62Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 63Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 64Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 65Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 66Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 67Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 68Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
DS12195 Rev 7
65/72
TDA7803A
Package information
71
11.3
Flexiwatt 27 (SMD) package information
Figure 48. Flexiwatt 27 (SMD) package outline
Table 34. Flexiwatt 27 (SMD) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.45
4.50
4.65
0.1752
0.1772
0.1831
B
2.12
2.22
2.32
0.0835
0.0874
0.0913
C
-
1.40
-
-
0.0551
-
D
-
2.00
-
-
0.0787
-
E
0.36
0.40
0.44
0.0142
0.0157
0.0173
F(2)
0.47
0.51
0.57
0.0185
0.0201
0.0224
G(3)
0.75
1.00
1.25
0.0295
0.0394
0.0492
7993733_D_8Z
GAPGPS03447
V4
V4
V5
H1
H3
H2
R
L2
H
V
Detail ”A”
Rotated 90° CCW
SEATING PLANE
GAUGE PLANE
S
S
aaa
L5
N1
N2
P
M
L4
V3
L6
Lead#1
Lead#27
E
F
See detail "A"
G1
G2
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com