Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7803A-QLX Datasheet(PDF) 66 Page - STMicroelectronics

Part # TDA7803A-QLX
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A-QLX Datasheet(HTML) 66 Page - STMicroelectronics

Back Button TDA7803A-QLX Datasheet HTML 62Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 63Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 64Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 65Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 66Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 67Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 68Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 69Page - STMicroelectronics TDA7803A-QLX Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
Package information
TDA7803A
66/72
DS12195 Rev 7
G1
25.70
26.00
26.30
1.0118
1.0236
1.0354
G2(3)
1.75
2.00
2.25
0.0689
0.0787
0.0886
H(2)
28.85
29.23
29.40
1.1358
1.1508
1.1575
H1
-
17.00
-
-
0.6693
-
H2
-
12.80
-
-
0.5039
-
H3
-
0.80
-
-
0.0315
-
L(2)
15.50
15.70
15.90
0.6102
0.6181
0.6260
L1
7.70
7.85
7.95
0.3031
0.3091
0.3130
L2
14.00
14.20
14.40
0.5512
0.5591
0.5669
L3
11.80
12.00
12.20
0.4646
0.4724
0.4803
L4
1.30
1.48
1.66
0.0512
0.0583
0.0654
L5
2.42
2.50
2.58
0.0953
0.0984
0.1016
L6
0.42
0.50
0.58
0.0165
0.0197
0.0228
M
-
1.50
-
-
0.0591
-
N
-
2.20
-
-
0.0866
-
N1
1.30
1.48
1.66
0.0512
0.0583
0.0654
N2(3)
2.73(3)
2.83
2.93
0.1075
0.1114
0.1154
P(3)
4.73
4.83
4.93
0.1862
0.1902
0.1941
R
-
1.70
-
-
0.0669
-
R1
-
0.30
-
-
0.0118
-
R2
0.35
0.40
0.45
0.0138
0.0157
0.0177
R3
0.35
0.40
0.45
0.0138
0.0157
0.0177
R4
-
0.50
-
-
0.0197
-
T(3)
-0.08
-
0.10
-0.0031
-
0.0039
aaa(3)
-
0.1
-
-
0.0039
-
V
-
45°
-
-
45°
-
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. Dimension “F” doesn’t include dam-bar protrusion.
Dimensions "H” and “L" include mold flash or protrusions.
3.
Golden parameters.
Table 34. Flexiwatt 27 (SMD) package mechanical data (continued)
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com