| Electronic Components Datasheet Search |
|
L9788 Datasheet(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9788 Datasheet(HTML) 58 Page - STMicroelectronics |
|
58 / 264 page ![]() Main relay driver (low-side driver) L9788 58/264 DS12308 Rev 4 5.1.1 Overcurrent protection When overcurrent fault is detected the Main Relay Driver MRD is switched off. The MRD is automatically restarted every T_res if KEY_IN is still active in not permanent battery supply scheme. No restart is done in permanent battery supply schemes. In non permanent supply system waked up by WK_IN or WAKE_UP_EOT or WAKE_UP_CAN, MRD OVC retry is just done before VB_IN present. No restart of MRD after VB_IN power loss due to OVC, unless a next rising edge at WK_IN or WAKE_UP_EOT or WAKE_UP_CAN. The retry is done for MRD_EN_TIMEOUT from the detection of WK_IN or WAKE_UP_EOT or WAKE_UP_CAN. In permanent battery supply scheme in case of power up from WK_IN or WAKE_UP_TIMER or WAKE_UP_CAN the MRD is not switched on at power up. In case of permanent battery supply scheme and OVC protection is activated the driver is restarted by a positive transition on the MSC MRD_ON command. It is not restarted by MSC reading. 5.1.2 Thermal protection The overtemperature fault is detected only when VB_IN is present and the logic is out of power on reset, so when the device is in ON state. When overtemperature fault is detected the Main Relay Driver is switched off. In not permanent battery supply schemes the switching off of the Main Relay Driver produces a power down. If KEY is still active, a new power up sequence is started. If wake up from WK_IN or EOT or CAN, or PHOLD_EN =1, no power up sequence is started. In permanent battery supply schemes the switching off of the Main Relay Driver does not produce a power down. The MRD is switched on again when temperature decreases to T_SD_LOW. PHOLD_EN =1 KEY_DET/WAKE_IN_ DET/ WAKE_EOT_DET/ WAKE_CAN_DET = 0 Permanent Supply Keep the status YY restart by MSC scenario 20 (see Figure 110) Auto restart without limit of number scenario 29 (see Figure 112) Non Permanent Supply Before Power up N/A N/A N/A N/A N/A After Power up Keep the status NY No restart scenario 16 (see Figure 105) No restart scenario 30 (see Figure 116) Table 25. ON state diagnostic (continued) -- MRD MSC command OVC OVT ON OFF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |