Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9788 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 32Page - STMicroelectronics L9788 Datasheet HTML 33Page - STMicroelectronics L9788 Datasheet HTML 34Page - STMicroelectronics L9788 Datasheet HTML 35Page - STMicroelectronics L9788 Datasheet HTML 36Page - STMicroelectronics L9788 Datasheet HTML 37Page - STMicroelectronics L9788 Datasheet HTML 38Page - STMicroelectronics L9788 Datasheet HTML 39Page - STMicroelectronics L9788 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 264 page
background image
Operation behavior
L9788
36/264
DS12308 Rev 4
Figure 8. Power hold diagram
KEY_IN_DET
WK_IN_DET
WAKE_UP_EOT_DET
WAKE_UP_CAN_DET
CHIP STATUS
PHOLD_EN
MSC_CONFIG_REG1[0]
PHOLD_TIMEOUT
MSC_CONFIG_REG1[2:1]
PHOLD_STATUS
MSC_READ12_FRAME1[0]
PHOLD_COUNTER
(internal counter)
t
POWER HOLD FUNCTION
OFF
OFF
ON
ON
ON
OFF
01
10
timeout
(1)
(2)
(3)
(4)
(5)
(1) The timeout counter is cleared on the detection of at least one of the power up sources.
(2) The timeout counter is cleared if MSC disables the PHOLD function, MRD is switched off, a power down sequence is started.
(4) The PHOLD_EN and the PHOLD_STATUS bits are clear along with the power down sequence.
(5) A new MSC setting for the timeout makes the timeout counter clear and restart.
(2)
(2)
(2)
(4)
(3) The counter has reached the timeout, MRD is switched off, a power down sequence is started.
GADG2411161503PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com