| Electronic Components Datasheet Search |
|
L9788 Datasheet(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9788 Datasheet(HTML) 86 Page - STMicroelectronics |
|
86 / 264 page ![]() Low-side drivers L9788 86/264 DS12308 Rev 4 The Diagnostic in Off state is done by the following blocks: An internal Buffer using the pull up/down currents is able to force the VOUTOPEN voltage on the Low-Side Driver Output when the driver is in Open Load Condition. A comparator to detect the Open load Condition. The Open Load fault is detected when the Low-Side output pin is VLVT ≤ VOUT ≤ V_OL Threshold for a time longer than Diag Filter Time. A comparator to detect the Short to GND Condition. The Short to GND fault is detected when the Low-Side output pin is VOUT <= VLVT Threshold for a time longer than Diag Filter Time. There is a bit IPUPD_MODE in CONFIG_REG2 which is controlled by a MSC bit, it is used by external µController if it is needed to switch on/off the bigger diagnosis current(I_LS_PU1) in fast mode. The Fast pull up current is used to avoid the false short to tGND diagnosis when the driver switches off in Open load condition. This current switches on after the falling edge of MSC command (driver in off state) and remains on until the Diag Filter Time is expired or until the VOUT is > VLVT Threshold.(note: if fast pull up current is selected, the filter time Tflt_diagoff1 is suggested. Otherwise, the filter time Tflt_diagoff2 is suggested) Figure 32. Low-side driver OFF state fast pull up current behavior Despite the fast mode of all drivers in off diagnostic condition (Ipupd_MODE bit), for Injector and Solenoid drivers there is a dedicated MSC bit (IDIAG_HIGH_SOL/IDIAG_HIGH_INJ in CONFIG_REG13) for each kind of driver to select off diagnostic high or low pull up/down current By default diagnostic pull up/down currents are disabled and comparator outputs are masked by internal logic, to enable OFF state diagnostic the channel must be put first in tristate condition and then (if not already done with previous MSC frames) diagnostic must be enabled. A Filter Time (Diag Filter Time) is implemented in order to avoid detecting false diagnosis as shown in Figure 33. GADG0112161208PS I_diag Voutx VLVT VLVT Voutx I_LS_PU1 + I_LS_PU2 I_LS_PU2 I_LS_PU2 I_LS_PU1 + I_LS_PU2 I_diag Tflt_diagoff1 Tflt_diagoff1 Tflt_diagoff1 t t t t |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |