Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSRX Datasheet(PDF) 10 Page - STMicroelectronics

Part # LSM6DSRX
Description  iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LSM6DSRX Datasheet HTML 6Page - STMicroelectronics LSM6DSRX Datasheet HTML 7Page - STMicroelectronics LSM6DSRX Datasheet HTML 8Page - STMicroelectronics LSM6DSRX Datasheet HTML 9Page - STMicroelectronics LSM6DSRX Datasheet HTML 10Page - STMicroelectronics LSM6DSRX Datasheet HTML 11Page - STMicroelectronics LSM6DSRX Datasheet HTML 12Page - STMicroelectronics LSM6DSRX Datasheet HTML 13Page - STMicroelectronics LSM6DSRX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 171 page
background image
4
Module specifications
4.1
Mechanical characteristics
@ Vdd = 1.8 V, T = 25 °C, unless otherwise noted.
Table 2. Mechanical characteristics
Symbol
Parameter
Test conditions
Min. Typ. (1) Max.
Unit
LA_FS
Linear acceleration measurement range
±2
g
±4
±8
±16
G_FS
Angular rate measurement range
±125
dps
±250
±500
±1000
±2000
±4000
LA_So
Linear acceleration sensitivity(2)
FS = ±2 g
0.061
mg/LSB
FS = ±4 g
0.122
FS = ±8 g
0.244
FS = ±16 g
0.488
G_So
Angular rate sensitivity(2)
FS = ±125 dps
4.375
mdps/LSB
FS = ±250 dps
8.75
FS = ±500 dps
17.50
FS = ±1000 dps
35
FS = ±2000 dps
70
FS = ±4000 dps
140
G_So%
Sensitivity tolerance(3)
at component level
±1
%
LA_SoDr Linear acceleration sensitivity change vs. temperature(4)
from -40 °C to +85 °C
±0.01
%/°C
G_SoDr
Angular rate sensitivity change vs. temperature(4)
from -40 °C to +85 °C
±0.007
%/°C
LA_TyOff Linear acceleration zero-g level offset accuracy(5)
±10
mg
G_TyOff
Angular rate zero-rate level(5)
±1
dps
LA_OffDr Linear acceleration zero-g level change vs. temperature(4)
±0.1
mg/°C
G_OffDr
Angular rate typical zero-rate level change vs. temperature(4)
±0.005
dps/°C
Rn
Rate noise density in high-performance mode(6)
5
mdps/√Hz
RnRMS
Gyroscope RMS noise in low-power mode(7)
90
mdps
An
Acceleration noise density in high-performance mode(8)
60
µg/√Hz
RMS
Acceleration RMS noise in low-power mode(9)(10)
1.8
mg(RMS)
LSM6DSRX
Module specifications
DS13007 - Rev 3
page 10/171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com