Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSRX Datasheet(PDF) 27 Page - STMicroelectronics

Part # LSM6DSRX
Description  iNEMO inertial module with embedded Machine Learning Core: always-on 3D accelerometer and 3D gyroscope
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRX Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LSM6DSRX Datasheet HTML 23Page - STMicroelectronics LSM6DSRX Datasheet HTML 24Page - STMicroelectronics LSM6DSRX Datasheet HTML 25Page - STMicroelectronics LSM6DSRX Datasheet HTML 26Page - STMicroelectronics LSM6DSRX Datasheet HTML 27Page - STMicroelectronics LSM6DSRX Datasheet HTML 28Page - STMicroelectronics LSM6DSRX Datasheet HTML 29Page - STMicroelectronics LSM6DSRX Datasheet HTML 30Page - STMicroelectronics LSM6DSRX Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 171 page
background image
5.4
Master I²C interface
If the LSM6DSRX is configured in Mode 2, a master I²C line is available. The master serial interface is mapped in
the following dedicated pins.
Table 16. Master I²C pin details
Pin name
Pin description
MSCL
I²C serial clock master
MSDA
I²C serial data master
MDRDY
I²C master external synchronization signal
5.5
Auxiliary SPI interface
If the LSM6DSRX is configured in Mode 3 or Mode 4, the auxiliary SPI is available. The auxiliary SPI interface is
mapped to the following dedicated pins.
Table 17. Auxiliary SPI pin details
Pin name
Pin description
OCS_Aux
Auxiliary SPI 3/4-wire enable
SDx
Auxiliary SPI 3/4-wire data input (SDI_Aux) and SPI 3-wire data output (SDO_Aux)
SCx
Auxiliary SPI 3/4-wire interface serial port clock
SDO_Aux
Auxiliary SPI 4-wire data output (SDO_Aux)
When the LSM6DSRX is configured in Mode 3 or Mode 4, the auxiliary SPI can be connected to a camera
module for OIS/EIS support. In this configuration, the auxiliary SPI can write only to the dedicated registers
INT_OIS (6Fh), CTRL1_OIS (70h), CTRL2_OIS (71h), CTRL3_OIS (72h). All the registers are accessible in Read
mode from both the primary interface and auxiliary SPI.
Mode 3 is enabled when the OIS_EN_SPI2 bit in CTRL1_OIS (70h) register is set to 1.
Mode 4 is enabled when both the OIS_EN_SPI2 bit and the Mode4_EN bit in CTRL1_OIS (70h) register are set
to 1.
LSM6DSRX
Master I²C interface
DS13007 - Rev 3
page 27/171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com