Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AI Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32H7A3AI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AI Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32H7A3AI Datasheet HTML 47Page - STMicroelectronics STM32H7A3AI Datasheet HTML 48Page - STMicroelectronics STM32H7A3AI Datasheet HTML 49Page - STMicroelectronics STM32H7A3AI Datasheet HTML 50Page - STMicroelectronics STM32H7A3AI Datasheet HTML 51Page - STMicroelectronics STM32H7A3AI Datasheet HTML 52Page - STMicroelectronics STM32H7A3AI Datasheet HTML 53Page - STMicroelectronics STM32H7A3AI Datasheet HTML 54Page - STMicroelectronics STM32H7A3AI Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 237 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
-
-
-
J12
H5
(3)
M1
(3)
-
J5
(3)
10
-
-
-
-
-
-
PC2
I/O
FT_a
PWR_CSTOP,
DFSDM1_CKIN1,
SPI2_MISO/I2S2_SDI,
DFSDM1_CKOUT,
OCTOSPIM_P1_IO2,
OTG_HS_ULPI_DIR,
OCTOSPIM_P1_IO5,
FMC_SDNE0,
EVENTOUT
ADC12_INP12,
ADC12_INN11
18(4) F4(4)
30
(4)
-
K2
(3)
N1
(3)
36(4)
N1
(3)
-
E2(4) 17(4) 28(4) M4(4) 34(4) M4(4)
PC2_C
ANA
TT_a
-
ADC2_INP0,
ADC2_INN1
-
-
-
G9
J4(3) M2(3)
-
N3(3) 11
-
-
-
-
-
-
PC3
I/O
FT_a
PWR_CSLEEP,
DFSDM1_DATIN1,
SPI2_MOSI/I2S2_SDO,
OCTOSPIM_P1_IO0,
OTG_HS_ULPI_NXT,
OCTOSPIM_P1_IO6,
FMC_SDCKE0,
EVENTOUT
ADC12_INP13,
ADC12_INN12
19(4) G4(4) 31(4)
-
K1(3) N2(3) 37(4) N2(3)
-
F3(4) 18(4) 29(4) M5(4) 35(4)
L4(4)
PC3_C
ANA
TT_a
-
ADC2_INP1
20
-
32
H10
G1
E12
-
K7
-
-
-
30
K4
36
J5
VDD
S
-
-
21
-
33
H9
G2
F6
-
R1
-
-
-
-
-
-
J6
VSS
S
-
-
22
H2
34
K12
J3
N3
38
K5
12
G1
19
31
M1
37
M1
VSSA
S
-
-
-
-
-
-
-
L4
-
K4
-
-
-
-
N1
-
N1
VREF-
S
-
-
23
J1
35
J11
L2
M3
39
L4
-
-
20
32
P1
38
P1
VREF+
S
-
-
24
H1
36
J10
L1
M4
40
L5
13
H1
21
33
R1
39
R1
VDDA
S
-
-
25
G3
37
K11
J5(3)
P1(3)
41
P1(3) 14
G2
22
34
N3
40
N3
PA0
I/O
FT_a
TIM2_CH1/TIM2_ETR,
TIM5_CH1, TIM8_ETR,
TIM15_BKIN,
SPI6_SS/I2S6_WS,
USART2_CTS/
USART2_NSS,
UART4_TX,
SDMMC2_CMD,
SAI2_SD_B,
EVENTOUT
ADC1_INP16,
WKUP1
-
-
-
-
K3(3) R3(3)
-
P3(3)
-
-
-
-
-
-
-
PA0_C
ANA
TT_a
-
ADC1_INP0,
ADC1_INN1
26
J2
38
G8
K4(3) P2(3)
42
P2(3) 15
H2
23
35
N2
41
N2
PA1
I/O
FT_ah1
TIM2_CH2, TIM5_CH2,
LPTIM3_OUT,
TIM15_CH1N,
USART2_RTS,
UART4_RX,
OCTOSPIM_P1_IO3,
SAI2_MCK_B,
OCTOSPIM_P1_DQS,
LCD_R2, EVENTOUT
ADC1_INP17,
ADC1_INN16
-
-
-
-
L3(3)
P3(3)
-
R3(3)
-
-
-
-
-
-
-
PA1_C
ANA
TT_a
-
ADC1_INP1
27
H3
39
H8
N1
R2
43
R2
16
J2
24
36
P2
42
P2
PA2
I/O
FT_a
TIM2_CH3, TIM5_CH3,
TIM15_CH1,
DFSDM2_CKIN1,
USART2_TX,
SAI2_SCK_B,
MDIOS_MDIO,
LCD_R1, EVENTOUT
ADC1_INP14,
WKUP2
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 51/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com