Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AI Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM32H7A3AI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AI Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM32H7A3AI Datasheet HTML 3Page - STMicroelectronics STM32H7A3AI Datasheet HTML 4Page - STMicroelectronics STM32H7A3AI Datasheet HTML 5Page - STMicroelectronics STM32H7A3AI Datasheet HTML 6Page - STMicroelectronics STM32H7A3AI Datasheet HTML 7Page - STMicroelectronics STM32H7A3AI Datasheet HTML 8Page - STMicroelectronics STM32H7A3AI Datasheet HTML 9Page - STMicroelectronics STM32H7A3AI Datasheet HTML 10Page - STMicroelectronics STM32H7A3AI Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 237 page
background image
Table 1. STM32H7A3xI/G features and peripheral counts
Peripherals
SMPS (1)
no-SMPS
Flash memory (Kbytes)
1024 (STM32H7A3xGx)/2048 (STM32H7A3xIx),
SRAM in
Kbytes
SRAM on AXI
1024
SRAM on AHB
(CD domain)
128
SRAM on AHB
(SRD domain)
32
TCM RAM in
Kbytes
ITCM RAM
(instruction)
64
DTCM RAM
(data)
128
Backup SRAM (Kbytes)
4
FMC
Interface
1
NOR Flash
memory/RAM
controller
x
x (2)
-
x(2)
-
x
x(2)
-
Multiplexed I/O
NOR Flash
memory
x
x(2)
x
x(2)
-
16-bit NAND
Flash memory
x
x(2)
-
x
x(2)
-
SDRAM
controller
x
x(2)
-
x
x(2)
-
Octo-SPI interfaces(3)
2
2(4)
2 (5)
1
1 Quad-
SPI
2
2(4)
1
1 Quad-
SPI
Timers
General-
purpose
10
Advanced-
control (PWM)
2
Basic
2
Low-power
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com