Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AI Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32H7A3AI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AI Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32H7A3AI Datasheet HTML 57Page - STMicroelectronics STM32H7A3AI Datasheet HTML 58Page - STMicroelectronics STM32H7A3AI Datasheet HTML 59Page - STMicroelectronics STM32H7A3AI Datasheet HTML 60Page - STMicroelectronics STM32H7A3AI Datasheet HTML 61Page - STMicroelectronics STM32H7A3AI Datasheet HTML 62Page - STMicroelectronics STM32H7A3AI Datasheet HTML 63Page - STMicroelectronics STM32H7A3AI Datasheet HTML 64Page - STMicroelectronics STM32H7A3AI Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 237 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
-
-
-
-
B13
C13
-
D13
-
-
-
-
E12
128
E12
PH13
I/O
FT_h2
TIM8_CH1N,
UART4_TX,
FDCAN1_TX,
FMC_D21, LCD_G2,
EVENTOUT
-
-
-
-
-
A13
B12
-
B15
-
-
-
-
E13
129
E13
PH14
I/O
FT_h2
TIM8_CH2N,
UART4_RX,
FDCAN1_RX,
FMC_D22, DCMI_D4/
PSSI_D4, LCD_G3,
EVENTOUT
-
-
-
-
-
-
D12
-
B14
-
-
-
-
D13
130
D13
PH15
I/O
FT_h2
TIM8_CH3N,
FMC_D23, DCMI_D11/
PSSI_D11, LCD_G4,
EVENTOUT
-
-
-
-
-
-
-
-
C13
-
-
-
-
E14
131
E14
PI0
I/O
FT_h2
TIM5_CH4, SPI2_SS/
I2S2_WS, FMC_D24,
DCMI_D13/PSSI_D13,
LCD_G5, EVENTOUT
-
-
-
-
B2
-
J9
-
A15
-
-
-
-
G8
-
-
VSS
S
-
-
-
-
-
-
-
-
-
-
E11
-
-
-
-
D14
132
D14
PI1
I/O
FT_h2
TIM8_BKIN2,
SPI2_SCK/I2S2_CK,
TIM8_BKIN2_COMP12,
FMC_D25, DCMI_D8/
PSSI_D8, LCD_G6,
EVENTOUT
-
-
-
-
-
-
-
-
D12
-
-
-
-
C14
133
C14
PI2
I/O
FT_h2
TIM8_CH4,
SPI2_MISO/I2S2_SDI,
FMC_D26, DCMI_D9/
PSSI_D9, LCD_G7,
EVENTOUT
-
-
-
-
-
-
-
-
A14
-
-
-
-
C13
134
C13
PI3
I/O
FT_h2
TIM8_ETR,
SPI2_MOSI/I2S2_SDO,
FMC_D27, DCMI_D10/
PSSI_D10, EVENTOUT
-
-
-
-
-
-
J10
137
F8
-
-
-
-
D9
135
F9
VSS
S
-
-
-
-
-
-
A2
-
-
-
-
-
-
-
-
C9
136
E10
VDD
S
-
-
-
77
C9
107
E4
B12
A12
138
B13
49
A9
76
109
A14
137
A14
PA14(JTCK/
SWCLK)
I/O
FT
JTCK/SWCLK,
EVENTOUT
-
78
C8
108
C3
C11
A11
139
C12
50
A8
77
110
A13
138
A13
PA15(JTDI)
I/O
FT
JTDI, TIM2_CH1/
TIM2_ETR,
HDMI_CEC,
SPI1_SS/I2S1_WS,
SPI3_SS/I2S3_WS,
SPI6_SS/I2S6_WS,
UART4_RTS, LCD_R3,
UART7_TX, LCD_B6,
EVENTOUT
-
79
B10
109
A3
A12
C12
140
A13
51
B9
78
111
B14
139
B14
PC10
I/O
FT_h0
DFSDM1_CKIN5,
DFSDM2_CKIN0,
SPI3_SCK/I2S3_CK,
USART3_TX,
UART4_TX,
OCTOSPIM_P1_IO1,
LCD_B1, SWPMI_RX,
SDMMC1_D2,
DCMI_D8/PSSI_D8,
LCD_R2, EVENTOUT
-
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 61/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com