Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AI Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32H7A3AI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AI Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32H7A3AI Datasheet HTML 51Page - STMicroelectronics STM32H7A3AI Datasheet HTML 52Page - STMicroelectronics STM32H7A3AI Datasheet HTML 53Page - STMicroelectronics STM32H7A3AI Datasheet HTML 54Page - STMicroelectronics STM32H7A3AI Datasheet HTML 55Page - STMicroelectronics STM32H7A3AI Datasheet HTML 56Page - STMicroelectronics STM32H7A3AI Datasheet HTML 57Page - STMicroelectronics STM32H7A3AI Datasheet HTML 58Page - STMicroelectronics STM32H7A3AI Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 237 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
-
-
61
J5
N8
R12
73
R12
-
H6
41
64
P10
74
P10
PE11
I/O
FT_ah2
TIM1_CH2,
DFSDM1_CKIN4,
SPI4_SS, SAI2_SD_B,
OCTOSPIM_P1_NCS,
FMC_D8/FMC_DA8,
LCD_G3, EVENTOUT
COMP2_INP
-
-
62
K5
L8
P12
74
L9
-
J6
42
65
R10
75
R10
PE12
I/O
FT_h2
TIM1_CH3N,
DFSDM1_DATIN5,
SPI4_SCK,
SAI2_SCK_B,
FMC_D9/FMC_DA9,
COMP1_OUT,
LCD_B4, EVENTOUT
-
-
-
63
L5
K8
P13
75
M10
-
K6
43
66
N11
76
R12
PE13
I/O
FT_h2
TIM1_CH3,
DFSDM1_CKIN5,
SPI4_MISO,
SAI2_FS_B,
FMC_D10/FMC_DA10,
COMP2_OUT,
LCD_DE, EVENTOUT
-
-
-
64
H5
J9
M12
76
N10
-
G7
44
67
P11
77
P11
PE14
I/O
FT_h2
TIM1_CH4,
SPI4_MOSI,
SAI2_MCK_B,
FMC_D11/FMC_DA11,
LCD_CLK, EVENTOUT
-
-
-
65
G5
N9
P14
77
P12
-
H7
45
68
R11
78
R11
PE15
I/O
FT_h2
TIM1_BKIN,
USART10_CK,
FMC_D12/FMC_DA12,
TIM1_BKIN_COMP12,
LCD_R7, EVENTOUT
-
42
K7
66
F5
L9
N12
78
R13
29
J7
46
69
R12
79
P12
PB10
I/O
FT_f
TIM2_CH3,
LPTIM2_IN1,
I2C2_SCL,
SPI2_SCK/I2S2_CK,
DFSDM1_DATIN7,
USART3_TX,
OCTOSPIM_P1_NCS,
OTG_HS_ULPI_D3,
LCD_G4, EVENTOUT
-
43
J7
67
J4
M9
P10
79
P13
-
K7
47
70
R13
80
R13
PB11
I/O
FT_f
TIM2_CH4,
LPTIM2_ETR,
I2C2_SDA,
DFSDM1_CKIN7,
USART3_RX,
OTG_HS_ULPI_D4,
LCD_G5, EVENTOUT
-
44
G6
68
L4
N10
R13
80
L8
30
F8
48
71
M10
81
L11
VCAP
S
-
-
-
45
D5
69
K4
-
M10
81
-
31
-
49
-
-
-
K9
VSS
S
-
-
-
46
E6
70
K3
M10
R14
82
L10
-
-
-
-
-
-
-
VDDLDO
S
-
-
-
47
-
71
L1
-
-
-
-
32
-
50
72
J12
82
L10
VDD
S
-
-
-
-
-
-
-
-
-
-
N12
-
-
-
-
-
-
M14
PJ5
I/O
FT
LCD_R6, EVENTOUT
-
-
-
-
-
-
P15
-
M11
-
-
-
-
M11
83
P13
PH6
I/O
FT
TIM12_CH1,
I2C2_SMBA,
SPI5_SCK,
FMC_SDNE1,
DCMI_D8/PSSI_D8,
EVENTOUT
-
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 55/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com