Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AI Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32H7A3AI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AI Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32H7A3AI Datasheet HTML 49Page - STMicroelectronics STM32H7A3AI Datasheet HTML 50Page - STMicroelectronics STM32H7A3AI Datasheet HTML 51Page - STMicroelectronics STM32H7A3AI Datasheet HTML 52Page - STMicroelectronics STM32H7A3AI Datasheet HTML 53Page - STMicroelectronics STM32H7A3AI Datasheet HTML 54Page - STMicroelectronics STM32H7A3AI Datasheet HTML 55Page - STMicroelectronics STM32H7A3AI Datasheet HTML 56Page - STMicroelectronics STM32H7A3AI Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 237 page
background image
Pin/ball name(1) (2)
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional
functions
34
K3
46
K9
J6
N6
52
R5
23
K3
31
43
R3
53
R3
PA7
I/O
FT_ah1
TIM1_CH1N,
TIM3_CH2,
TIM8_CH1N,
DFSDM2_DATIN1,
SPI1_MOSI/I2S1_SDO,
SPI6_MOSI/I2S6_SDO,
TIM14_CH1,
OCTOSPIM_P1_IO2,
FMC_SDNWE,
LCD_VSYNC,
EVENTOUT
ADC12_INP7,
ADC12_INN3,
OPAMP1_VINM
35
H4
47
H7
K6
R6
53
M6
24
G4
32
44
N5
54
N5
PC4
I/O
FT_a
DFSDM1_CKIN2,
I2S1_MCK,
SPDIFRX1_IN2,
FMC_SDNE0,
LCD_R7, EVENTOUT
ADC12_INP4,
OPAMP1_VOUT,
COMP1_INM
36
J4
48
J8
N5
M7
54
N6
25
H4
33
45
P5
55
P5
PC5
I/O
FT_ah1
SAI1_D3,
DFSDM1_DATIN2,
PSSI_D15,
SPDIFRX1_IN3,
OCTOSPIM_P1_DQS,
FMC_SDCKE0,
COMP1_OUT,
LCD_DE, EVENTOUT
ADC12_INP8,
ADC12_INN4,
OPAMP1_VINM
-
-
-
L10
N7
K4
-
-
-
-
-
-
-
-
L7
VDD
S
-
-
-
-
-
-
L9
M7
F9
-
-
-
-
-
-
M9
-
L6
VSS
S
-
-
-
37
K4
49
K8
M5
R8
55
P6
26
J4
34
46
R5
56
R5
PB0
I/O
FT_ah0
TIM1_CH2N,
TIM3_CH3,
TIM8_CH2N,
DFSDM2_CKOUT,
DFSDM1_CKOUT,
UART4_CTS, LCD_R3,
OTG_HS_ULPI_D1,
OCTOSPIM_P1_IO1,
LCD_G1, EVENTOUT
ADC12_INP9,
ADC12_INN5,
OPAMP1_VINP,
COMP1_INP
38
K5
50
J7
L5
M8
56
L7
27
K4
35
47
R4
57
R4
PB1
I/O
FT_ah0
TIM1_CH3N,
TIM3_CH4,
TIM8_CH3N,
DFSDM1_DATIN1,
LCD_R6,
OTG_HS_ULPI_D2,
OCTOSPIM_P1_IO0,
LCD_G0, EVENTOUT
ADC12_INP5,
COMP1_INM
39
J5
51
L8
L6
P7
57
R6
28
G5
36
48
M6
58
M5
PB2
I/O
FT_ah1
RTC_OUT2, SAI1_D1,
DFSDM1_CKIN1,
SAI1_SD_A,
SPI3_MOSI/I2S3_SDO,
OCTOSPIM_P1_CLK,
OCTOSPIM_P1_DQS,
EVENTOUT
COMP1_INP
-
-
-
-
-
-
-
M7
-
-
-
-
-
-
G4
PI15
I/O
FT
LCD_G2, LCD_R0,
EVENTOUT
-
-
-
-
-
-
-
-
N7
-
-
-
-
-
-
R6
PJ0
I/O
FT
LCD_R7, LCD_R1,
EVENTOUT
-
-
-
-
-
-
-
-
P7
-
-
-
-
-
-
R7
PJ1
I/O
FT_ah1
OCTOSPIM_P2_IO4,
LCD_R2, EVENTOUT
-
-
-
-
-
-
-
-
R7
-
-
-
-
-
-
P7
PJ2
I/O
FT_ah1
OCTOSPIM_P2_IO5,
LCD_R3, EVENTOUT
-
-
-
-
-
-
-
-
R8
-
-
-
-
-
-
N8
PJ3
I/O
FT
UART9_RTS, LCD_R4,
EVENTOUT
-
STM32H7A3xI/G
Pin descriptions
DS13195 - Rev 8
page 53/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com