Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AI Datasheet(PDF) 223 Page - STMicroelectronics

Part # STM32H7A3AI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AI Datasheet(HTML) 223 Page - STMicroelectronics

Back Button STM32H7A3AI Datasheet HTML 219Page - STMicroelectronics STM32H7A3AI Datasheet HTML 220Page - STMicroelectronics STM32H7A3AI Datasheet HTML 221Page - STMicroelectronics STM32H7A3AI Datasheet HTML 222Page - STMicroelectronics STM32H7A3AI Datasheet HTML 223Page - STMicroelectronics STM32H7A3AI Datasheet HTML 224Page - STMicroelectronics STM32H7A3AI Datasheet HTML 225Page - STMicroelectronics STM32H7A3AI Datasheet HTML 226Page - STMicroelectronics STM32H7A3AI Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 237 page
background image
Revision history
Table 145. Document revision history
Date
Revision
Changes
22-Jan-2020
1
Initial release.
24-Apr-2020
2
Updated Octo-SPI interface in Table 1. STM32H7A3xI/G features and peripheral
counts.
Updated Figure 2. Power-up/power-down sequence in Section 6.1.6 Power
supply scheme.
Updated HSLV feature description in Section 3.8 General-purpose input/outputs
(GPIOs).
Section 5 Pin descriptions: updated Table 6. Legend/abbreviations used in the
pinout table; changed SPDIFRX into SPDIFRX1 and updated all SPDIFRX1 pin
names.
Updated Table 19. Voltage characteristics to add VREF+ in the list of external
main supply voltage.
Removed clock frequencies from Table 22. General operating conditions and
added new Section 6.3.1 .
Changed condition for tRSTTEMPO in Table 29. Reset and power control block
characteristics.
Added IDD50USB in Table 32. USB regulator characteristics.
Updated Table 40. Typical current consumption in System Stop mode, added
Table 41. Typical current consumption RAM shutoff in Stop mode, added
IWDG and changed SPDIFRX into SPDIFRX1 in Table 44. Peripheral current
consumption in Run mode.
Table 58. Flash memory programming: updated table title, updated tME
description and unit.
In the whole Section 6.3.18 FMC characteristics, replaced sentence "the TKERCK
is the fmc_ker_ck clock period" by "the Tfmc_ker_ck is the kernel clock period".
Section 6.3.19 Octo-SPI interface characteristics: added parameter
measurement conditions, updated Table 90. OCTOSPI characteristics in SDR
mode and Table 91. OCTOSPI characteristics in DTR mode (with DQS)/Octal
and Hyperbus, updated Figure 51. OctoSPI Hyperbus clock, Figure 52. OctoSPI
Hyperbus read and Figure 53. OctoSPI Hyperbus write.
Updated Figure 57. Power supply and reference decoupling (VREF+ not
connected to VDDA), note 1. and note 1..
Section 6.3.30 Digital filter for Sigma-Delta Modulators (DFSDM)
characteristics, Section 6.3.31 Camera interface (DCMI) timing
specificationsSection 6.3.33 LCD-TFT controller (LTDC) characteristics,
Section 6.3.36.2 USART interface characteristics, Section 6.3.36.3 SPI
interface characteristics, Section 6.3.36.4 I2S Interface characteristics,
Section 6.3.36.5 SAI characteristics, Section 6.3.36.7 SD/SDIO MMC
card host interface (SDMMC) characteristics, Section 6.3.36.8 USB
OTG_FS characteristics, Section 6.3.36.9 USB OTG_HS characteristics,
Section 6.3.36.10 JTAG/SWD interface characteristics: changed VOS level to
VOS0 in the parameter measurement conditions.
08-Jul-2020
3
Updated note related to ULPI interface availability on packages that do not
feature PC2 and PC3 I/Os in Table 1. STM32H7A3xI/G features and peripheral
counts.
Updated Table 20. Current characteristics, Table 21. Thermal characteristics and
Figure 22. Current consumption measurement scheme.
STM32H7A3xI/G
DS13195 - Rev 8
page 223/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com