Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L152VBH6ADTR Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32L152VBH6ADTR
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152VBH6ADTR Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32L152VBH6ADTR Datasheet HTML 62Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 63Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 64Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 65Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 66Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 67Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 68Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 69Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 129 page
background image
Electrical characteristics
STM32L151x6/8/B-A STM32L152x6/8/B-A
66/129
DocID024330 Rev 4
Table 23. Typical and maximum current consumptions in Stop mode
Symbol
Parameter
Conditions
Typ(1)
Max
(1)(2)
Unit
IDD (Stop
with RTC)
Supply current in
Stop mode with
RTC enabled
RTC clocked by LSI,
regulator in LP mode, HSI
and HSE OFF
(no independent
watchdog)
LCD OFF
TA = -40°C to 25°C
VDD = 1.8 V
1.13
-
µA
TA = -40°C to 25°C
1.38
4
TA = 55°C
1.70
6
TA= 85°C
3.30
10
TA = 105°C
7.80
23
LCD ON
(static
duty)(3)
TA = -40°C to 25°C
1.50
6
TA = 55°C
1.80
7
TA= 85°C
3.45
12
TA = 105°C
8.02
27
LCD ON
(1/8
duty)(4)
TA = -40°C to 25°C
3.80
10
TA = 55°C
4.30
11
TA= 85°C
6.10
16
TA = 105°C
10.8
44
RTC clocked by LSE
external clock (32.768
kHz), regulator in LP
mode, HSI and HSE OFF
(no independent
watchdog)
LCD OFF
TA = -40°C to 25°C
1.50
-
TA = 55°C
1.90
-
TA= 85°C
3.65
-
TA = 105°C
8.25
-
LCD ON
(static
duty)(3)
TA = -40°C to 25°C
1.60
-
TA = 55°C
2.05
-
TA= 85°C
3.75
-
TA = 105°C
8.40
-
LCD ON
(1/8
duty)(4)
TA = -40°C to 25°C
3.90
-
TA = 55°C
4.55
-
TA= 85°C
6.35
-
TA = 105°C
11.10
-
RTC clocked by LSE (no
independent watchdog)(5)
LCD OFF
TA = -40°C to 25°C
VDD = 1.8 V
1.23
-
TA = -40°C to 25°C
VDD = 3.0 V
1.50
-
TA = -40°C to 25°C
VDD = 3.6 V
1.75
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com