Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L152VBH6ADTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32L152VBH6ADTR
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152VBH6ADTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32L152VBH6ADTR Datasheet HTML 10Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 11Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 12Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 13Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 14Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 15Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 16Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 17Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 129 page
background image
Functional overview
STM32L151x6/8/B-A STM32L152x6/8/B-A
14/129
DocID024330 Rev 4
3.1
Low-power modes
The ultra-low-power STM32L151x6/8/B-A and STM32L152x6/8/B-A devices support
dynamic voltage scaling to optimize its power consumption in run mode. The voltage from
the internal low-drop regulator that supplies the logic can be adjusted according to the
system’s maximum operating frequency and the external voltage supply:
•
In Range 1 (VDD range limited to 1.71-3.6 V), the CPU runs at up to 32 MHz (refer to
Table 18 for consumption).
•
In Range 2 (full VDD range), the CPU runs at up to 16 MHz (refer to Table 18 for
consumption)
•
In Range 3 (full VDD range), the CPU runs at up to 4 MHz (generated only with the
multispeed internal RC oscillator clock source). Refer to Table 18 for consumption.
Seven low-power modes are provided to achieve the best compromise between low-power
consumption, short startup time and available wakeup sources:
•
Sleep mode
In Sleep mode, only the CPU is stopped. All peripherals continue to operate and can
wake up the CPU when an interrupt/event occurs.
Sleep mode power consumption: refer to Table 20.
•
Low-power Run mode
This mode is achieved with the multispeed internal (MSI) RC oscillator set to the
minimum clock (less than 131 kHz), execution from SRAM or Flash memory, and
internal regulator in low-power mode to minimize the regulator's operating current. In
the low-power Run mode, the clock frequency and the number of enabled peripherals
are both limited.
Low-power Run mode consumption: refer to Table 21.
•
Low-power Sleep mode
This mode is achieved by entering the Sleep mode with the internal voltage regulator in
low-power mode to minimize the regulator’s operating current. In the low-power Sleep
mode, both the clock frequency and the number of enabled peripherals are limited; a
typical example would be to have a timer running at 32 kHz.
When wakeup is triggered by an event or an interrupt, the system reverts to the run
mode with the regulator on.
Low-power Sleep mode consumption: refer to Table 22.
•
Stop mode with RTC
Stop mode achieves the lowest power consumption while retaining the RAM and
register contents and real time clock. All clocks in the VCORE domain are stopped, the
PLL, MSI RC, HSI RC and HSE crystal oscillators are disabled. The LSE or LSI is still
running. The voltage regulator is in the low-power mode.
The device can be woken up from Stop mode by any of the EXTI line, in 8 µs. The EXTI
line source can be one of the 16 external lines. It can be the PVD output, the
Comparator 1 event or Comparator 2 event (if internal reference voltage is on), it can
be the RTC alarm(s), the USB wakeup, the RTC tamper events, the RTC timestamp
event or the RTC wakeup.
•
Stop mode without RTC
Stop mode achieves the lowest power consumption while retaining the RAM and
register contents. All clocks are stopped, the PLL, MSI RC, HSI and LSI RC, LSE and
HSE crystal oscillators are disabled. The voltage regulator is in the low-power mode.
The device can be woken up from Stop mode by any of the EXTI line, in 8 µs. The EXTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com