Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L152VBH6ADTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32L152VBH6ADTR
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152VBH6ADTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32L152VBH6ADTR Datasheet HTML 14Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 15Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 16Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 17Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 18Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 19Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 20Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 21Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 129 page
background image
Functional overview
STM32L151x6/8/B-A STM32L152x6/8/B-A
18/129
DocID024330 Rev 4
3.2
ARM® Cortex®-M3 core with MPU
The ARM® Cortex®-M3 processor is the industry leading processor for embedded systems.
It has been developed to provide a low-cost platform that meets the needs of MCU
implementation, with a reduced pin count and low-power consumption, while delivering
outstanding computational performance and an advanced system response to interrupts.
The ARM® Cortex®-M3 32-bit RISC processor features exceptional code-efficiency,
delivering the high-performance expected from an ARM core in the memory size usually
associated with 8- and 16-bit devices.
The memory protection unit (MPU) improves system reliability by defining the memory
attributes (such as read/write access permissions) for different memory regions. It provides
up to eight different regions and an optional predefined background region.
Owing to its embedded ARM core, the STM32L151x6/8/B-A and STM32L152x6/8/B-A
devices are compatible with all ARM tools and software.
DAC
Y
Y
Y
Y
Y
-
-
-
Temperature
sensor
YY
Y
Y
Y
-
-
-
Comparators
Y
Y
Y
Y
Y
Y
-
-
16-bit Timers
Y
Y
Y
Y
-
-
-
-
IWDG
Y
Y
Y
Y
Y
Y
Y
Y
WWDG
Y
Y
Y
Y
-
-
-
-
Touch sensing
Y
-
-
-
-
-
-
-
Systick Timer
Y
Y
Y
Y
-
-
-
-
GPIOs
Y
Y
Y
Y
Y
Y
-
3 pins
Wakeup time to
Run mode
0 µs
0.4 µs
3 µs
46 µs
< 8 µs
58 µs
Consumption
VDD=1.8V to 3.6V
(Typ)
Down to
185 µA/MHz
(from Flash)
Down to
36.9 µA/MHz
(from Flash)
Down to
10.9 µA
Down to
5.5 µA
0.43 µA (No
RTC) VDD=1.8 V
0.27 µA (No
RTC) VDD=1.8 V
1.13 µA (with
RTC) VDD=1.8 V
0.87 µA (with
RTC) VDD=1.8 V
0.44 µA (No
RTC) VDD=3.0 V
0.28 µA (No
RTC) VDD=3.0 V
1.38 µA (with
RTC) VDD=3.0 V
1.11 µA (with
RTC) VDD=3.0 V
1. The startup on communication line wakes the CPU which was made possible by an EXTI, this induces a delay before
entering run mode.
Table 5. Working mode-dependent functionalities
(from Run/active down to standby) (continued)
Ips
Run/Active
Sleep
Low-
power
Run
Low-
power
Sleep
Stop
Standby
Wakeup
capability
Wakeup
capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com