Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L152VBH6ADTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32L152VBH6ADTR
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152VBH6ADTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32L152VBH6ADTR Datasheet HTML 8Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 9Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 10Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 11Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 12Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 13Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 14Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 15Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 129 page
background image
Description
STM32L151x6/8/B-A STM32L152x6/8/B-A
12/129
DocID024330 Rev 4
2.2
Ultra-low-power device continuum
The ultra-low-power family offers a large choice of cores and features. From a proprietary 8-
bit core up to the Cortex-M3, including the Cortex-M0+, the STM8Lx and STM32Lx series
offer the best range of choices to meet your requirements in terms of ultra-low-power
features. The STM32 Ultra-low-power series is an ideal fit for applications like gas/water
meters, keyboard/mouse, or wearable devices for fitness and healthcare. Numerous built-in
features like LCD drivers, dual-bank memory, low-power Run mode, op-amp, AES-128bit,
DAC, crystal-less USB and many others, allow to build highly cost-optimized applications by
reducing the BOM.
Note:
STMicroelectronics as a reliable and long-term manufacturer ensures as much as possible
the pin-to-pin compatibility between any STM8Lx and STM32Lx devices and between any of
the STM32Lx and STM32Fx series. Thanks to this unprecedented scalability, your existing
applications can be upgraded to respond to the latest market features and efficiency
demand.
2.2.1
Performance
All families incorporate highly energy-efficient cores with both Harvard architecture and
pipelined execution: advanced STM8 core for STM8L families and ARM Cortex-M3 core for
STM32L family. In addition specific care for the design architecture has been taken to
optimize the mA/DMIPS and mA/MHz ratios.
This allows the ultra-Low-power performance to range from 5 up to 33.3 DMIPs.
2.2.2
Shared peripherals
STM8L15xxx and STM32L1xxxx share identical peripherals which ensure a very easy
migration from one family to another:
•
Analog peripherals: ADC, DAC and comparators
•
Digital peripherals: RTC and some communication interfaces
2.2.3
Common system strategy
To offer flexibility and optimize performance, the STM8L15xxx and STM32L1xxxx families
use a common architecture:
•
Common power supply range from 1.65 V to 3.6 V, (1.65 V at power down only for
STM8L15xxx devices)
•
Architecture optimized to reach ultra-low consumption both in low-power modes and
Run mode
•
Fast startup strategy from low-power modes
•
Flexible system clock
•
Ultra-safe reset: same reset strategy including power-on reset, power-down reset,
brownout reset and programmable voltage detector.
2.2.4
Features
ST ultra-low-power continuum also lies in feature compatibility:
•
More than 10 packages with pin count from 20 to 144 pins and size down to 3 x 3 mm
•
Memory density ranging from 4 to 512 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com