Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L152VBH6ADTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32L152VBH6ADTR
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152VBH6ADTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32L152VBH6ADTR Datasheet HTML 7Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 8Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 9Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 10Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 11Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 12Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 13Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 14Page - STMicroelectronics STM32L152VBH6ADTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 129 page
background image
DocID024330 Rev 4
11/129
STM32L151x6/8/B-A STM32L152x6/8/B-A
Description
51
2.1
Device overview
Table 2. Ultra-low-power STM32L151x6/8/B-A and STM32L152x6/8/B-A device features
and peripheral counts
Peripheral
STM32L15xCxxxA
STM32L15xRxxxA
STM32L15xVxxxA
Flash (Kbytes)
32
64
128
32
64
128
64
128
Data EEPROM (Kbytes)
4
RAM (Kbytes)
16
32
32
16
32
32
32
32
Timers
General-
purpose
6
Basic
2
Communication
interfaces
SPI
2
I2C
2
USART
3
USB
1
GPIOs
37
51/50(1)
83
12-bit synchronized ADC
Number of channels
1
14 channels
1
20/19 channels(1)
1
24 channels
12-bit DAC
Number of channels
2
2
LCD (STM32L152xxxxA Only)
COM x SEG
4x16
4x32/4x31(1)
8x28/8x27(1)
4x44
8x40
Comparator
2
Capacitive sensing channels
13
20
Max. CPU frequency
32 MHz
Operating voltage
1.8 V to 3.6 V (down to 1.65 V at power-down) with BOR option
1.65 V to 3.6 V without BOR option
Operating temperatures
Ambient operating temperatures: –40 to +85 °C / –40 to + 105 °C
Junction temperature: -40 to +110°C
Packages
LQFP48, UFQFPN48
LQFP64, TFBGA64
LQFP100, UFBGA100
1. For TFBGA64 package (instead of PC3 pin there is VREF+ pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com