Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108CB Datasheet(PDF) 250 Page - STMicroelectronics

Part # STM32W108CB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 250 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 246Page - STMicroelectronics STM32W108CB Datasheet HTML 247Page - STMicroelectronics STM32W108CB Datasheet HTML 248Page - STMicroelectronics STM32W108CB Datasheet HTML 249Page - STMicroelectronics STM32W108CB Datasheet HTML 250Page - STMicroelectronics STM32W108CB Datasheet HTML 251Page - STMicroelectronics STM32W108CB Datasheet HTML 252Page - STMicroelectronics STM32W108CB Datasheet HTML 253Page - STMicroelectronics STM32W108CB Datasheet HTML 254Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 278 page
background image
Electrical characteristics
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
250/278
Doc ID 16252 Rev 14
Table 58 describes the key ADC parameters measured at 25°C and VDD_PADS at 3.0 V, for
a sampling rate of 6 MHz. HVSELP and HVSELN are programmed to 1 to enable the input
buffer. The single-ended measurements were done at finput = 7.7% fNyquist, level = 1.2 V p-p
swing centered on 1.5 V. The differential measurements were done at finput = 7.7% fNyquist,
level = 1.2 V p-p swing and a comon mode voltage of 1.5 V.
SMP[2:0]
Conversion Time (µs)
Nyquist Freq (kHz)
3 dB Cut-off (kHz)
INL (codes peak)
INL (codes RMS)
DNL (codes peak)
DNL (codes RMS)
ENOB (from single-
cycle test)
SNR (dB)
Single-Ended
Differential
SINAD (dB)
Single-Ended
Differential
SDFR (dB)
Single-Ended
Differential
THD (dB)
Single-Ended
Differential
ENOB (from SNR)
Single-Ended
Differential
ENOB (from SINAD)
Single-Ended
Differential
Equivalent ADC Bits
Table 58.
ADC module key parameters for input buffer enabled
and 6MHz sampling(1)
1.
INL and DNL are referenced to a LSB of the Equivalent ADC Bits shown in the last row of Table 58. ENOB
(effective number of bits) can be calculated from either SNR (signal to non-harmonic noise ratio) or SINAD
(signal-to-noise and distortion ratio).
Parameter
Performance
0
1
2
3
4
5
6
7
32
64
128
256
512
1024
2048
4096
93.8
46.9
23.4
11.7
5.86
2.93
1.47
0.732
56.6
28.3
14.1
7.07
3.54
1.77k
0.884
0.442
0.055
0.032
0.038
0.07
0.123
0.261
0.522
1.028
0.028
0.017
0.02
0.04
0.077
0.167
0.326
0.65
0.028
0.017
0.02
0.04
0.077
0.167
0.326
0.65
0.01
0.006
0.006
0.007
0.008
0.013
0.023
0.038
3.6
5.0
6.6
8.1
9.5
10.7
11.3
11.6
23
23
32
32
41
41
50
50
59
59
65
66
67
69
68
71
23
23
32
32
41
41
50
50
58
59
64
66
66
69
66
71
48
48
56
57
65
65
72
74
72
82
72
88
73
88
73
88
-33
-33
-42
-42
-51
-51
-59
-60
-66
-69
-68
-76
-68
-80
-68
-82
3.6
3.6
5.1
5.1
6.6
6.6
8.1
8.1
9.5
9.5
10.5
10.7
10.9
11.3
11
11.5
3.6
3.6
5.0
5.1
6.5
6.6
8.0
8.0
9.4
9.5
10.3
10.6
10.7
11.3
10.7
11.4
7 [15:9]
8 [15:8]
9 [15:7]
10
[15:6]
11
[15:5]
12
[15:4]
13
[15:3]
14
[15:2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com