Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC68SS014FF Datasheet(PDF) 16 Page - Bel Fuse Inc.

Part # BC68SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC68SS014FF Datasheet(HTML) 16 Page - Bel Fuse Inc.

Back Button BC68SS014FF Datasheet HTML 12Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 13Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 14Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 15Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 16Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 17Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 18Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 19Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 20Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16
DisplayPort Cable Assemblies
Description
Bel’s DisplayPort cable assembly line offers a variety of options for digital audio and video transmissions between
computer systems and display systems such as computer monitors or projectors. Each product in the DisplayPort
product line features gold-plated connectors which decrease the possibility of corrosion, improves signal transmissions,
and provides durability. The DisplayPort product line supports a variety of DisplayPort specifications (DisplayPort 1.4,
1.2a, 1.2 and 1.1).
Bel Part Number
Connector End A
Connector End B
Lengths Available AWG Size
ft
m
BC-DD003F
DisplayPort Male (DisplayPort 1.2)
DisplayPort Male (DisplayPort 1.2)
3ft
0.91m
28 AWG
BC-DD006F
DisplayPort Male (DisplayPort 1.2)
DisplayPort Male (DisplayPort 1.2)
6ft
1.82m
28 AWG
BC-DD0010
DisplayPort Male (DisplayPort 1.2)
DisplayPort Male (DisplayPort 1.2)
10ft
3.04m
28 AWG
BC-DH003F
DisplayPort Male (DisplayPort 1.2a Input) HDMI Male (HDMI 1.4b Output)
3ft
0.91m
28 AWG
BC-DH006F
DisplayPort Male (DisplayPort 1.2a Input) HDMI Male (HDMI 1.4b Output)
6ft
1.82m
28 AWG
BC-DH010F
DisplayPort Male (DisplayPort 1.2a Input) HDMI Male (HDMI 1.4b Output)
10ft
3.04m
28 AWG
BC-DV003F
DisplayPort Male (DisplayPort 1.1 Input)
DVI Male (DVI 1.0 Output)
3ft
0.91m
28 AWG
BC-DV006F
DisplayPort Male (DisplayPort 1.1 Input)
DVI Male (DVI 1.0 Output)
6ft
1.82m
28 AWG
BC-DV010F
DisplayPort Male (DisplayPort 1.1 Input)
DVI Male (DVI 1.0 Output)
10ft
3.04m
28 AWG
BC-DM003F
DisplayPort Male (DisplayPort 1.1)
Mini DisplayPort Male (DisplayPort 1.1)
3ft
0.91m
32 AWG
BC-DM006F
DisplayPort Male (DisplayPort 1.1)
Mini DisplayPort Male (DisplayPort 1.1)
6ft
1.82m
32 AWG
BC-DM010F
DisplayPort Male (DisplayPort 1.1)
Mini DisplayPort Male (DisplayPort 1.1)
10ft
3.04m
32 AWG
BC-4D4D003F
DisplayPort Male (DisplayPort 1.4)
DisplayPort Male (DisplayPort 1.4)
3ft
0.91m
32 AWG
BC-4D4D006F
DisplayPort Male (DisplayPort 1.4)
DisplayPort Male (DisplayPort 1.4)
6ft
1.82m
30 AWG
BC-4D4D010F
DisplayPort Male (DisplayPort 1.4)
DisplayPort Male (DisplayPort 1.4)
10ft
3.04m
27 AWG
BC-4D4D015F
DisplayPort Male (DisplayPort 1.4)
DisplayPort Male (DisplayPort 1.4)
15ft
4.58m
26 AWG
Cable Catalog
BC = Cable Assembly Family
F
XXX
BC
DD
DD = DisplayPort Male (DisplayPort 1.2) to DisplayPort Male (DisplayPort 1.2)
DH = DisplayPort Male (DisplayPort 1.2a Input) to HDMI Male (HDMI 1.4b Output)
DV = DisplayPort Male (DisplayPort 1.1 Input) to DVI Male (DVI 1.0 Output)
DM = DisplayPort Male (DisplayPort 1.1) to Mini DisplayPort Male (DisplayPort 1.1)
4D4D = DisplayPort Male (DisplayPort 1.4) to DisplayPort Male (DisplayPort 1.4)
Connector Performance
Part Number
Length
F = Feet
UOM
003F = 3ft 006F = 6ft 010F = 10ft 015F = 15ft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com