Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC68SS014FF Datasheet(PDF) 17 Page - Bel Fuse Inc.

Part # BC68SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC68SS014FF Datasheet(HTML) 17 Page - Bel Fuse Inc.

Back Button BC68SS014FF Datasheet HTML 13Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 14Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 15Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 16Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 17Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 18Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 19Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 20Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 21Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17
M12 X-Code Cable Assemblies
Description
Bel’s M12 X-Code cable assemblies are available in both M12 X-Code male to M12 X-Code male and M12 X-Code male
to an over molded RJ45 male plug. M12 X-Code cable assemblies provide reliable connections with a high performance
in industrial environments for Modbus, Ethernet, PROFINET and EtherCAT. These cable assemblies are made with TPE
cable jacket to add to their robust nature. Bel offers both Cat 5e and Cat 6a performance options that can deliver up to
10 gigabit Ethernet. These cable assemblies allow for quick and reliable connections in industrial environments.
Bel Part Number
Category
Connector End A
Connector End B
Lengths Available
ft
m
BM-MARM003F
Cat 6a
Shielded, Over molded RJ45
M12 X-Code Male Plug
3ft
0.91m
BM-MARM005F
Cat 6a
Shielded, Over molded RJ45
M12 X-Code Male Plug
5ft
1.52m
BM-MARM007F
Cat 6a
Shielded, Over molded RJ45
M12 X-Code Male Plug
7ft
2.13m
BM-MARM010F
Cat 6a
Shielded, Over molded RJ45
Shielded, Over molded RJ45
10ft
3.04m
BM-MARM015F
Cat 6a
Shielded, Over molded RJ45
M12 X-Code Male Plug
15ft
4.57m
BM-MARM030F
Cat 6a
Shielded, Over molded RJ45
M12 X-Code Male Plug
30ft
9.14m
BM-MARM010M
Cat 6a
Shielded, Over molded RJ45
M12 X-Code Male Plug
3.28ft
1m
BM-MARM020M
Cat 6a
Shielded, Over molded RJ45
M12 X-Code Male Plug
6.56ft
2m
BM-MARM030M
Cat 6a
Shielded, Over molded RJ45
M12 X-Code Male Plug
9.84ft
3m
BM-MARM050M
Cat 6a
Shielded, Over molded RJ45
M12 X-Code Male Plug
16.40ft
5m
BM-MARM100M
Cat 6a
Shielded, Over molded RJ45
M12 X-Code Male Plug
32.80ft
10m
BM-MBRM003F
Cat 5e
Shielded, Over molded RJ45
M12 X-Code Male Plug
3ft
0.91m
BM-MBRM005F
Cat 5e
Shielded, Over molded RJ45
M12 X-Code Male Plug
5ft
1.52m
BM-MBRM007F
Cat 5e
Shielded, Over molded RJ45
M12 X-Code Male Plug
7ft
2.13m
BM-MBRM010F
Cat 5e
Shielded, Over molded RJ45
M12 X-Code Male Plug
10ft
3.04m
BM-MBRM010M
Cat 5e
Shielded, Over molded RJ45
M12 X-Code Male Plug
3.28ft
1m
BM-MBRM020M
Cat 5e
Shielded, Over molded RJ45
M12 X-Code Male Plug
6.56ft
2m
BM-MBRM030M
Cat 5e
Shielded, Over molded RJ45
M12 X-Code Male Plug
9.84ft
3m
BM-MBRM050M
Cat 5e
Shielded, Over molded RJ45
M12 X-Code Male Plug
16.40ft
5m
BM-MBRM100M
Cat 5e
Shielded, Over molded RJ45
M12 X-Code Male Plug
32.80ft
10m
BM-MAMM003F
Cat 6a
M12 X-Code Male Plug
M12 X-Code Male Plug
3ft
0.91m
BM-MAMM005F
Cat 6a
M12 X-Code Male Plug
M12 X-Code Male Plug
5ft
1.52m
Cable Catalog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com