Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC68SS014FF Datasheet(PDF) 22 Page - Bel Fuse Inc.

Part # BC68SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC68SS014FF Datasheet(HTML) 22 Page - Bel Fuse Inc.

Back Button BC68SS014FF Datasheet HTML 18Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 19Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 20Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 21Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 22Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 23Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 24Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 25Page - Bel Fuse Inc. BC68SS014FF Datasheet HTML 26Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
22
Description
Bel’s RJ45 Plug to RJ45 Jack cable assemblies are ideal solutions for situations where Ethernet extension is needed
to create Ethernet connections. These assemblies extend Ethernet connections that may be in hard-to-reach areas
or need to be accessible outside of enclosures. Unshielded options are available in Cat 5e and Cat 6 performance
speeds. The shielded options are available in a Cat 6a performance. All options are backwards compatible with
lower performance levels.
Bel Part Number
Performance
Lengths Available
Cable Type
Cable Color
ft
m
BM-5AJPK001F
Cat 5e
1ft
0.30m
UTP Stranded CM
Black
BM-5AJPK003F
Cat 5e
3ft
0.91m
UTP Stranded CM
Black
BM-5AJPK005F
Cat 5e
5ft
1.52m
UTP Stranded CM
Black
BM-5AJPK007F
Cat 5e
7ft
2.13m
UTP Stranded CM
Black
BM-5AJPK010F
Cat 5e
10ft
3.04m
UTP Stranded CM
Black
BM-5AJPK015F
Cat 5e
15ft
4.57m
UTP Stranded CM
Black
BM-5AJPK025F
Cat 5e
25ft
7.62m
UTP Stranded CM
Black
BM-6AJPK001F
Cat 6
1ft
0.30m
UTP Stranded CM
Black
BM-6AJPK003F
Cat 6
3ft
0.91m
UTP Stranded CM
Black
BM-6AJPK005F
Cat 6
5ft
1.52m
UTP Stranded CM
Black
BM-6AJPK007F
Cat 6
7ft
2.13m
UTP Stranded CM
Black
BM-6AJPK010F
Cat 6
10ft
3.04m
UTP Stranded CM
Black
BM-6AJPK015F
Cat 6
15ft
4.57m
UTP Stranded CM
Black
BM-6AJPK025F
Cat 6
25ft
7.62m
UTP Stranded CM
Black
BM-1BJPK001F
Cat 6a
1ft
0.30m
FTP Stranded CM
Black
BM-1BJPK003F
Cat 6a
3ft
0.91m
FTP Stranded CM
Black
BM-1BJPK005F
Cat 6a
5ft
1.52m
FTP Stranded CM
Black
BM-1BJPK007F
Cat 6a
7ft
2.13m
FTP Stranded CM
Black
BM-1BJPK010F
Cat 6a
10ft
3.04m
FTP Stranded CM
Black
BM-1BJPK015F
Cat 6a
15ft
4.57m
FTP Stranded CM
Black
BM-1BJPK025F
Cat 6a
25ft
7.62m
FTP Stranded CM
Black
RJ45 Plug to RJ45 Jack Cable Assemblies
Cable Catalog
BM = Cable Assembly Family
XXX
B M
Y
5 = Cat 5e
6 = Cat 6
1 = Cat 6a
Connector Performance
Part Number
Color
Length
C
JP
Z
A = UTP Stranded CM
B = FTP Stranded CM
Cable Type
001F = 1ft
003F = 3ft
005F = 5ft
007F = 7ft
010F = 10ft 015F = 15ft
025F = 25ft
Z = Black
Connector End
JP = RJ45 to RJ45 Plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com